Electronic Components Datasheet Search
  English  ▼

X  

MAX4201ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4201ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4201ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4201ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4201ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(VCC = +5V, VEE = -5V, RL = 100Ω for MAX4200/MAX4201/MAX4203/MAX4204, RL = 150Ω for MAX4202/MAX4205, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Tested with no load; increasing load will decrease input impedance.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-3dB Bandwidth
BW(-3dB) VOUT ≤ 100mVRMS
MAX4200
660
MHz
MAX4201/MAX4202
780
MAX4203
530
MAX4204/MAX4205
720
0.1dB Bandwidth
BW(0.1dB) VOUT ≤ 100mVRMS
MAX4200
220
MHz
MAX4201/MAX4202
280
MAX4203
130
MAX4204/MAX4205
230
Full-Power Bandwidth
FPBW
VOUT ≤ 2VP-P
MAX4200/MAX4201/MAX4202
490
MHz
MAX4203/MAX4204/MAX4205
310
Slew Rate
SR
VOUT = 2V step
4200
V/μs
Group Delay Time
405
ps
Settling Time to 0.1%
tS
VOUT = 2V step
12
ns
Spurious-Free Dynamic
Range
SFDR
VOUT =
2VP-P
MAX4200/MAX4201/
MAX4202
f = 5MHz
-48
dBc
f = 20MHz
-45
f = 100MHz
-34
MAX4203/MAX4204/
MAX4205
f = 5MHz
-47
f = 20MHz
-44
f = 100MHz
-32
Harmonic Distortion
HD
MAX4200/MAX4201/
MAX4202, f = 500kHz,
VOUT = 2VP-P
Second harmonic
-72
dBc
Third harmonic
-48
Total harmonic
-48
MAX4203/MAX4204/
MAX4205, f = 500kHz,
VOUT = 2VP-P
Second harmonic
-83
Third harmonic
-47
Total harmonic
-47
Differential Gain Error
DG
NTSC, RL = 150Ω
1.3
%
Differential Phase Error
DP
NTSC, RL = 150Ω
0.15
degrees
Input Voltage-Noise Density
en
f = 1MHz
2.1
nV/√Hz
Input Current-Noise Density
in
f = 1MHz
0.8
pA/√Hz
Input Capacitance
CIN
2
pF
Output Impedance
ZOUT
f = 10MHz
6
Ω
Amplifier Crosstalk
XTALK
VOUT = 2VP-P
f = 10MHz
-87
dB
f = 100MHz
-65
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
www.maximintegrated.com
Maxim Integrated │ 3
AC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com