Electronic Components Datasheet Search
  English  ▼

X  

EX-MP4A Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # EX-MP4A
Description  Intrinsically safe infrared thermometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

EX-MP4A Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  EX-MP4A Datasheet HTML 1Page - Pepperl+Fuchs Inc. EX-MP4A Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intrinsically safe infrared thermometer
Ex-MP4 a
< Easily measure hard-to-reach objects
< Measurements of moving materials
< Measurements from Zone 1 into Zone 0
< Precise measurements with accuracy
Ex-MP4 a, Non-Contact Temperature Meter for Zone 1
Technical Data
General specifications
Measurement range
Temperature
-18 °C … 400 °C
Laser class
2
Indicators/operating means
Display
Resolution
0.2 °C
Electrical specifications
Battery type
1 x 9V alkaline battery according to IEC 6LR61, type-tested
Function and system design
Distance to measuring spot size
8:1 (D:S)
Measuring spot marking
Laser
Infrared range
7 ... 18 µm
Emissivity adjustment
fixed at 0.95
Measurement accuracy
Accuracy
-18 °C … -1 °C ±3 °C,
-1 °C … +400 °C ±2 % or
±2 °C of reading - whichever is greater
Response time
500 ms
Repeat accuracy
±2 % of reading or ±2 °C - whichever is greater
Ambient conditions
Ambient temperature
0 ... 50 °C (32 ... 122 °F)
Storage temperature
-20 ... 65 °C (-4 ... 149 °F) , without batteries
Relative humidity
10-95% at 30 °C (non-condensing)
Mechanical specifications
Mass
approx. 200 g
Dimensions
W x H x D
152 mm x 101 mm x 38 mm
Data for application in connection with hazardous areas
EU-type examination certificate
EPS 10 ATEX 1 242 X
Marking
1
II 2G Ex ia op is IIC T4 Gb
International approvals
UKCA approval
UKCA certificate
CML 21UKEX21055X
UKCA marking
II 2G Ex ia op is IIC T4 Gb
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - EX-MP4A

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
EX-03N FOTEK-EX-03N Datasheet
963Kb / 3P
Photo sensor
EX-07N FOTEK-EX-07N Datasheet
963Kb / 3P
Photo sensor
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
List of Unclassifed Man...
EX-1030S ETC1-EX-1030S Datasheet
55Kb / 2P
ADSL Transformer
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
Ultra-Slim, Narrow Beam Photoelectric Sensor
More results

Similar Description - EX-MP4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
Intrinsically Safe Sensors
logo
Cynergy3 Co
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
Intrinsically Safe Pressure Transducer
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
Intrinsically safe Ethernet Isolator
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NF_DZ1 PF-IDENT-EX01NF_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NT_DZ1 PF-IDENT-EX01NT_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NU_DZ1 PF-IDENT-EX01NU_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01ZF_DZ1 PF-IDENT-EX01ZF_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com