Electronic Components Datasheet Search
  English  ▼

X  

FB5201B Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FB5201B
Description  RTD Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB5201B Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FB5201B Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB5201B Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB5201B Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Suitable field devices
Field device
resistance thermometer
Field device [3]
slide-wire sensors
Field device interface
Connection
2-wire sensor
Connection [2]
3-wire sensor
Connection [3]
4-wire sensor
Connection
2-wire connection: 5, 6
3-wire connection: 1, 5, 6
4-wire connection: 1, 2, 5, 6
Measurement range
10 ... 400 Ω (500 Ω incl. line resistance)
Slide-wire sensor
10 ... 400 Ω
Measuring current
200 µA
Smallest span
20 Ω for 0.1 % accuracy
Linearity error
0.1 %
Conversion time
max. 20 ms without LFD max. 150 ms with LFD
Lead resistance
max. 50 Ω per strand
Line fault detection
can be switched on/off for each channel via configuration tool
Short-circuit
< 10 Ω
Open-circuit
> 1 kΩ
Transfer characteristics
Deviation
Influence of ambient temperature
max. 0,1 %/10 K
Indicators/settings
LED indication
LED green: supply
LED red: line fault
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Conformity
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Environmental test
EN 60068-2-14
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Damaging gas
EN 60068-2-42
Relative humidity
EN 60068-2-56
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 (module) , a separate housing is required acc. to the system description
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 350 g
Dimensions
28 x 107 x 132 mm (1.1 x 4.2 x 5.2 inch)
RTD Converter
FB5201B
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com