Electronic Components Datasheet Search
  English  ▼

X  

2SD1683 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD1683
Description  50V/4A Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1683 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD1683 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1683 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1683 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1683 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1683 Datasheet HTML 5Page - Sanyo Semicon Device 2SD1683 Datasheet HTML 6Page - Sanyo Semicon Device 2SD1683 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SB1143/2SD1683
No.2063-1/7
Applications
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
•
Adoption of FBET, MBIT processes
•
Low saturation voltage
•
Large current capacity and wide ASO
Specifications ( ): 2SB1143
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)4
A
Collector Current (Pulse)
ICP
(--)6
A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : EN2063C
90512 TKIM/O2003TN (KOTO)/92098HA (KT)/4137KI/D176TA, TS
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
RANK
B1143
LOT No.
RANK
D1683
2
1
3
2SD1683
2
1
3
2SB1143
2SB1143S
2SB1143T
2SD1683S
2SD1683T
2SB1143/2SD1683
PNP/NPN Epitaxial Planar Silicon Transistor
50V/4A Switching
Applications


Similar Part No. - 2SD1683

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1683 SANYO-2SD1683 Datasheet
126Kb / 4P
50V/4A Switching Applications
logo
ON Semiconductor
2SD1683 ONSEMI-2SD1683 Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
logo
Inchange Semiconductor ...
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
Complement to Type 2SB1143
logo
ON Semiconductor
2SD1683S ONSEMI-2SD1683S Datasheet
320Kb / 7P
Bipolar Transistor
September, 2013
2SD1683S ONSEMI-2SD1683S Datasheet
320Kb / 7P
Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
More results

Similar Description - 2SD1683

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1827 SANYO-2SA1827 Datasheet
130Kb / 4P
100V/4A Switching Applications
2SA1855 SANYO-2SA1855 Datasheet
127Kb / 4P
50V/4A Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1143 SANYO-2SB1143 Datasheet
126Kb / 4P
50V/4A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1168 SANYO-2SB1168 Datasheet
128Kb / 4P
100V/4A Switching Applications
2SB1230 SANYO-2SB1230 Datasheet
116Kb / 4P
100V/4A Switching Applications
2SB986 SANYO-2SB986 Datasheet
111Kb / 3P
50V/4A Switching Applications
2SC4837 SANYO-2SC4837 Datasheet
107Kb / 4P
50V/4A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
50V / 12A Switching Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com