Electronic Components Datasheet Search
  English  ▼

X  

2SD1624 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD1624
Description  High Current Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1624 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD1624 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1624 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1624 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1624 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1624 Datasheet HTML 5Page - Sanyo Semicon Device 2SD1624 Datasheet HTML 6Page - Sanyo Semicon Device 2SD1624 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SB1124/2SD1624
No.2019-3/7
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
hFE -- IC
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
--5.0
--3.0
--2.0
--1.0
--4.0
--4.5
--2.5
--1.5
--0.5
--3.5
0
0
--0.4
--0.8
--2.0
--1.6
--1.2
IB=0
ITR08907
2SB1124
--5mA
--10mA
--20mA
--50mA
--100mA
--200mA
--2.0
--1.2
--0.8
--0.4
--1.6
--1.8
--1.0
--0.6
--0.2
--1.4
0
0
--4
--8
--20
--16
--12
--2
--6
--18
--14
--10
IB=0
ITR08909
2SB1124
--2mA
--4mA
--6mA
--8mA
--14mA
--12mA
--10mA
5.0
3.0
2.0
1.0
4.0
4.5
2.5
1.5
0.5
3.5
0
0
0.4
0.8
2.0
1.6
1.2
IB=0
ITR08908
2SD1624
5mA
10mA
20mA
80mA
60mA
40mA
100mA
2.0
1.2
0.8
0.4
1.6
1.8
1.0
0.6
0.2
1.4
0
04
8
20
16
12
26
18
14
10
IB=0
ITR08910
2SD1624
2mA
1mA
3mA
4mA
6mA
5mA
8mA
7mA
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
--3.2
--2.8
--2.4
--1.6
--2.0
--1.2
--0.8
--0.4
0
ITR08911
2SB1124
VCE= --2V
0
0.2
0.4
0.6
0.8
1.2
1.0
3.2
2.8
2.4
1.6
2.0
1.2
0.8
0.4
0
ITR08912
2SD1624
VCE=2V
2
3
5
7
1000
2
3
5
7
100
23
5
--0.01
23
5
5
--0.1
23
7
7
7
--1.0
ITR08913
2SB1124
VCE= --2V
Ta=75
°C
25
°C
--25
°C
2
3
5
7
1000
2
3
5
7
100
23
5
0.01
23
5
5
0.1
23
7
7
7
1.0
ITR08914
2SD1624
VCE=2V
Ta=75°C
25
°C
--25°C
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com