Electronic Components Datasheet Search
  English  ▼

X  

B1202 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # B1202
Description  High-Current Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

B1202 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  B1202 Datasheet HTML 1Page - Sanyo Semicon Device B1202 Datasheet HTML 2Page - Sanyo Semicon Device B1202 Datasheet HTML 3Page - Sanyo Semicon Device B1202 Datasheet HTML 4Page - Sanyo Semicon Device B1202 Datasheet HTML 5Page - Sanyo Semicon Device B1202 Datasheet HTML 6Page - Sanyo Semicon Device B1202 Datasheet HTML 7Page - Sanyo Semicon Device B1202 Datasheet HTML 8Page - Sanyo Semicon Device B1202 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SB1202/2SD1802
No.2113-4/10
--0.1
--1.0
3
25
7
3
25
7
3
2
--0.01
2SB1202
VCE= --10V
100
3
2
7
5
1000
3
2
7
5
10
ITR09170
0.1
1.0
3
25
7
3
25
7
3
2
0.01
2SD1802
VCE=10V
100
3
2
7
5
1000
3
2
7
5
10
ITR09171
--1.0
--10
5
7
3
5
7
3
2
1.0
10
7
5
3
7
5
3
2
2SD1667
ITR09176
ITR09177
Ta= --25
°C
25
°C
2SB1202
IC / IB=20
2SD1802
IC / IB=20
75
°C
Ta=
--25
°C
75°
C
Ta=
--25
°C
75°
C
Ta= --25°C
25
°C
75
°C
--0.1
--0.01
23
5
57
2
3
5
7
2
3
5
7
--1.0
--1000
5
3
2
7
5
3
2
7
--100
--10
ITR09174
ITR09175
0.01
0.1
72
3
5
57
2
3
5
7
2
3
5
1.0
--0.1
--0.01
23
5
57
2
3
5
7
2
3
5
7
--1.0
0.01
0.1
72
3
5
57
2
3
5
7
2
3
5
1.0
1000
5
3
7
2
5
3
7
2
100
10
25
°C
2SB1202
IC / IB=20
2SD1802
IC / IB=20
25°
C
37
2
1.0
10
53
7
2
100
5
ITR09173
2SD1802
f=1MHz
3
2
7
5
3
2
5
100
10
3
2
7
5
3
2
5
100
10
37
2
--1.0
--10
53
7
2
--100
5
ITR09172
2SB1202
f=1MHz
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com