Electronic Components Datasheet Search
  English  ▼

X  

MIC4420YMM Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4420YMM
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420YMM Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4420YMM Datasheet HTML 7Page - Microchip Technology MIC4420YMM Datasheet HTML 8Page - Microchip Technology MIC4420YMM Datasheet HTML 9Page - Microchip Technology MIC4420YMM Datasheet HTML 10Page - Microchip Technology MIC4420YMM Datasheet HTML 11Page - Microchip Technology MIC4420YMM Datasheet HTML 12Page - Microchip Technology MIC4420YMM Datasheet HTML 13Page - Microchip Technology MIC4420YMM Datasheet HTML 14Page - Microchip Technology MIC4420YMM Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20006092B-page 11
MIC4420/9
4.0
APPLICATION INFORMATION
4.1
Supply Bypassing
Charging and discharging large capacitive loads
quickly requires large currents. For example, charging
a 2500 pF load to 18V in 25 ns requires a 1.8A current
from the device power supply.
The MIC4420/4429 has double bonding on the supply
pins, the ground pins and output pins This reduces
parasitic lead inductance. Low inductance enables
large currents to be switched rapidly. It also reduces
internal ringing that can cause voltage breakdown
when the driver is operated at or near the maximum
rated voltage.
Internal ringing can also cause output oscillation due to
feedback. This feedback is added to the input signal
because it is referenced to the same ground.
To guarantee low supply impedance over a wide
frequency range, a parallel capacitor combination is
recommended for supply bypassing. Low inductance
ceramic disk capacitors with short lead lengths (less
than 0.5 inch) should be used. A 1 μF low ESR film
capacitor in parallel with two 0.1 μF low ESR ceramic
capacitors, (such as AVX RAM GUARD®), provides
adequate bypassing. Connect one ceramic capacitor
directly between pins 1 and 4. Connect the second
ceramic capacitor directly between pins 8 and 5.
4.2
Grounding
The high current capability of the MIC4420/4429
demands careful PC board layout for best performance
Because the MIC4429 is an inverting driver, any
ground lead impedance will appear as negative
feedback which can degrade switching speed.
Feedback is especially noticeable with slow-rise time
inputs. The MIC4429 input structure includes 300 mV
of hysteresis to ensure clean transitions and freedom
from oscillation, but attention to layout is still
recommended.
Figure 4-1 shows the feedback effect in detail. As the
MIC4429 input begins to go positive, the output goes
negative and several amperes of current flow in the
ground lead. As little as 0.05Ω of PC trace resistance
can produce hundreds of millivolts at the MIC4429
ground pins. If the driving logic is referenced to power
ground, the effective logic input level is reduced and
oscillation may result.
To ensure optimum performance, separate ground
traces should be provided for the logic and power
connections. Connecting the logic ground directly to
the MIC4429 GND pins will ensure full logic drive to the
input and ensure fast output switching. Both of the
MIC4429 GND pins should, however, still be connected
to power ground.
FIGURE 4-1:
Self-Contained Voltage Doubler.
4.3
Input Stage
The input voltage level of the 4429 changes the
quiescent supply current. The N channel MOSFET
input stage transistor drives a 450 μA current source
load. With a logic “1” input, the maximum quiescent
supply current is 450 μA. Logic “0” input level signals
reduce quiescent current to 55 μA maximum.
The MIC4420/4429 input is designed to provide
300 mV of hysteresis. This provides clean transitions,
reduces noise sensitivity, and minimizes output stage
current spiking when changing states. Input voltage
threshold level is approximately 1.5V, making the
device TTL compatible over the 4.5V to 18V operating
supply voltage range. Input current is less than 10 μA
over this range.
The MIC4429 can be directly driven by the TL494,
SG1526/1527, SG1524, TSC170, MIC38HC42, and
similar switch mode power supply integrated circuits.
By offloading the power-driving duties to the
MIC4429
1μF
50V
MKS2
UNITED CHEMCON SXE
0.1μF
WIMA
MKS2
1
8
6, 7
5
4
0.1μF
50V
5.6 k
560
+15
220 μF 50V
BYV 10 (x 2)
35 μF 50V
(x2) 1N4448
2
+
+
+
30
29
28
27
26
25
0
20
40
60
80
100 120 140
mA
30
LINE
Output Voltage vs.
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com