Electronic Components Datasheet Search
  English  ▼

X  

MIC4420ZM Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4420ZM
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420ZM Datasheet(HTML) 1 Page - Microchip Technology

  MIC4420ZM Datasheet HTML 1Page - Microchip Technology MIC4420ZM Datasheet HTML 2Page - Microchip Technology MIC4420ZM Datasheet HTML 3Page - Microchip Technology MIC4420ZM Datasheet HTML 4Page - Microchip Technology MIC4420ZM Datasheet HTML 5Page - Microchip Technology MIC4420ZM Datasheet HTML 6Page - Microchip Technology MIC4420ZM Datasheet HTML 7Page - Microchip Technology MIC4420ZM Datasheet HTML 8Page - Microchip Technology MIC4420ZM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20006092B-page 1
MIC4420/9
Features
• CMOS Construction
• Latch-Up Protected: Will Withstand >500 mA
Reverse Output Current
• Logic Input Withstands Negative Swing of Up to 5V
• Matched Rise and Fall Times: 25 ns
• High Peak Output Current: 6A Peak
• Wide Operating Range: 4.5V to 18V
• High Capacitive Load Drive: 10,000 pF
• Low Delay Time: 55 ns (typ.)
• Logic High Input for Any Voltage from 2.4V to VS
• Low Equivalent Input Capacitance: 6 pF (typ.)
• Low Supply Current: 450 μA with Logic 1 Input
• Low Output Impedance: 2.5Ω
• Output Voltage Swing within 25 mV of Ground or VS
Applications
• Switch Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class-D Switching Amplifiers
General Description
MIC4420 and MIC4429 MOSFET drivers are tough,
efficient, and easy to use. The MIC4429 is an inverting
driver, while the MIC4420 is a non-inverting driver.
They are capable of 6A (peak) output and can drive the
largest MOSFETs with an improved safe operating
margin. The MIC4420/4429 accepts any logic input
from 2.4V to VS without external speed-up capacitors
or resistor networks. Proprietary circuits allow the input
to swing negative by as much as 5V without damaging
the part. Additional circuits protect against damage
from electrostatic discharge.
MIC4420/4429 drivers can replace three or more
discrete
components,
reducing
PCB
area
requirements, simplifying product design, and reducing
assembly cost.
Modern BiCMOS/DMOS construction guarantees
freedom from latch-up. The rail-to-rail swing capability
insures adequate gate voltage to the MOSFET during
power-up/down sequencing.
Note: See MIC4120/4129 for high power and narrow
pulse applications.
Package Types
MIC4420/9
8-Lead PDIP (N)
8-Lead SOIC (M)
8-Lead MSOP (MM)
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
5
OUT
4
GND
3VS
2
GND
1IN
MIC4420/9
5-Lead TO-220 (T)
6A Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process


Similar Part No. - MIC4420ZM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4420ZM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com