Electronic Components Datasheet Search
  English  ▼

X  

SY75604A Datasheet(PDF) 1 Page - Microchip Technology

Part # SY75604A
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75604A Datasheet(HTML) 1 Page - Microchip Technology

  SY75604A Datasheet HTML 1Page - Microchip Technology SY75604A Datasheet HTML 2Page - Microchip Technology SY75604A Datasheet HTML 3Page - Microchip Technology SY75604A Datasheet HTML 4Page - Microchip Technology SY75604A Datasheet HTML 5Page - Microchip Technology SY75604A Datasheet HTML 6Page - Microchip Technology SY75604A Datasheet HTML 7Page - Microchip Technology SY75604A Datasheet HTML 8Page - Microchip Technology SY75604A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 1
SY75602A/02B/603A/03B/604A/04B
Features
• Two (SY75602A/02B/603A/03B) and Four
(SY75604A/04B) PCIe 1.0, 2.0, 3.0, 4.0, and 5.0
Compliant Outputs.
• Ultra-Low Additive Jitter 10 fs (PCIe Gen5)
• Supports Frequencies of up to 250 MHz
• Transparent for Spread Spectrum
• Supports 1.8V ±10%, 2.5V ±10%, and 3.3V ±10%
Power Supplies
• Outputs Low Power HCSL with Embedded 85Ω
(SY75602A/03A/04A) and 100Ω
(SY75602B/03B/04B) Termination Resistors
• Individual Glitch Free Output Enable (OExb)
Control Pins on SY75603/604
• Accepts DC-Coupled HCSL Input Signal and
AC-Coupled PECL, LVDS, and CML
• Extended Temperature Range: –40°C to +105°C
• 1.4 mm x 1.6 mm VDFN (SY75602A/02B) and
3 mm x 3 mm VQFN (SY75603A/03B/604A/04B)
Package
Applications
• PCIe Graphics Cards
• PCIe Based SSD drives
• Laptops and Desktop Computers
• Servers
General Description
The SY75602A/02B/03A/03B/04A/04B are industry
leading PCIe clock buffers with ultra-low additive jitter:
- 10 fs (PCIe 5.0)
- 20 fs (PCIe 3.0/4.0)
- 52 fs in 12 kHz to 20 MHz band
They can be used in all PCIe 1/2/3/4/5 common clock
and SRIS applications.
SY75602A/02B are the industry’s smallest
(1.4 mm x 1.6 mm VDFN) two output PCIe clock
buffers.
SY75603A/03B and SY75604A/04B are two and four
output PCIe clock buffers with glitch free per-output
enable/disable control hardware pins. Both devices are
packaged in 3 mm x 3 mm VQFN.
The devices have embedded low-dropout regulators
(LDO) for superior power noise supply rejection. They
support 1.8V, 2.5V, and 3.3V supplies with tolerance of
±10% which exceeds ±9% required by PCIe Card
Electro Mechanical Specification.
All six parts have extended temperature range:
–40°C to +105°C.
Package Types
SY75602
8-Lead 1.4 mm x 1.6 mm VDFN
Top View
1
2
4
3
4
8
7
5
6
VDD
GND
IN_p
IN_n
OUT0_p
OUT0_n
OUT1_n
OUT1_p
1
16
2
4
9
15
14
13
5
6
7
SY75604
16 lead 3x3mm VQFN
(Top View)
8
10
11
12
GND
3
IN_p
IN_n
OE0b
OUT0_p
OUT2_n
OUT2_p
OE2b
1
16
2
4
9
15
14
13
5
6
7
OE0b
NC
NC
SY75603
16 lead 3x3mm VQFN
(Top View)
8
10
11
12
GND
3
IN_p
IN_n
OUT0_n
OUT0_p
SY75603
16-Lead 3 mm x 3 mm VQFN
Top View
SY75604
16-Lead 3 mm x 3 mm VQFN
Top View
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer


Similar Part No. - SY75604A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY75608 MICROCHIP-SY75608 Datasheet
1Mb / 44P
8 or 12 Output Ultra-Low Additive Jitter
More results

Similar Description - SY75604A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
logo
Integrated Device Techn...
8P391208 IDT-8P391208 Datasheet
919Kb / 41P
Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
logo
Microchip Technology
SYA75603A MICROCHIP-SYA75603A Datasheet
1Mb / 22P
2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer for Automotive
09/14/21
logo
Renesas Technology Corp
8P391208 RENESAS-8P391208 Datasheet
1Mb / 40P
Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
February 3, 2023
logo
Microsemi Corporation
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com