Electronic Components Datasheet Search
  English  ▼

X  

S802ECSAP Datasheet(PDF) 2 Page - Littelfuse

Part # S802ECSAP
Description  EV Series 1.5 Amp Sensitive SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S802ECSAP Datasheet(HTML) 2 Page - Littelfuse

  S802ECSAP Datasheet HTML 1Page - Littelfuse S802ECSAP Datasheet HTML 2Page - Littelfuse S802ECSAP Datasheet HTML 3Page - Littelfuse S802ECSAP Datasheet HTML 4Page - Littelfuse S802ECSAP Datasheet HTML 5Page - Littelfuse S802ECSAP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revised: 09/04/19
Specifications are subject to change without notice.
©2019 Littelfuse, Inc
Thyristors
EV Series 0.8 Amp Sensitive SCRs
SxX8xSx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test Conditions
Limit
Value
Unit
I
GT
DC Gate Trigger Current
V
D = 6V
R
L = 100 Ω
MIN.
20
μA
MAX.
100
μA
V
GT
DC Gate Trigger Voltage
V
D = 6V
R
L = 100 Ω
MAX.
0.8
V
V
GRM
Peak Reverse Gate Voltage
I
RG = 10μA
MIN.
8
V
I
H
Holding Current
R
GK = 1 KΩ
Initial Current = 20mA
MAX.
3
mA
dv/dt
Critical Rate-of-Rise of
Off-State Voltage
T
J = 125°C
V
D = 67% of VDRM
Exp. Waveform
R
GK =1 kΩ
MIN.
40
V/μs
R
GK =220 Ω
MIN.
250
V
GD
Gate Non-Trigger Voltage
V
D = 1/2 VDRM
R
GK =1 kΩ
T
J = 125°C
MIN.
0.2
V
t
q
Turn-Off Time
I
T = 0.5A
MAX.
35
μs
t
gt
Turn-On Time
I
G=10mA
P
W = 15μsec
I
T = 1.6A(pk)
TYP.
2.3
μs
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test Conditions
Limit
Value
Unit
V
TM
Peak On-State Voltage
1.5A device I
TM = 4A tp = 380 μs
MAX.
1.6
V
V
T0
Threshold Voltage
MAX
1.03
V
R
D
Dynamic Resistance
MAX
106
mΩ
I
DRM / IRRM
Off-State Current, Peak Repetitive
T
J = 25°C
MAX.
3
μA
T
J = 125°C
MAX.
500
μA
Thermal Resistances
Symbol
Description
Test Conditions
Value
Unit
R
th(JC)
Junction to case (AC)
I
T = 1.5A (RMS)
1
35
°C/W
R
th(j-a)
Junction to ambient
I
T = 1.5A (RMS)
1
150
°C/W
1 60Hz AC resistive load condition, 100% conduction.
EV Series 1.5 Amp Sensitive SCRs
S802ECS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com