Electronic Components Datasheet Search
  English  ▼

X  

S6002ESAP Datasheet(PDF) 7 Page - Littelfuse

Part # S6002ESAP
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002ESAP Datasheet(HTML) 7 Page - Littelfuse

Back Button S6002ESAP Datasheet HTML 3Page - Littelfuse S6002ESAP Datasheet HTML 4Page - Littelfuse S6002ESAP Datasheet HTML 5Page - Littelfuse S6002ESAP Datasheet HTML 6Page - Littelfuse S6002ESAP Datasheet HTML 7Page - Littelfuse S6002ESAP Datasheet HTML 8Page - Littelfuse S6002ESAP Datasheet HTML 9Page - Littelfuse S6002ESAP Datasheet HTML 10Page - Littelfuse S6002ESAP Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S6002xS
Thyristor Datasheet
7
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
10. Package Dimensions
TO-92 (E- Package)
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
4.450
5.200
0.175
0.205
B
4.320
5.330
0.170
0.210
C
12.700
-
0.500
-
D
3.430
-
0.135
-
E
3.180
4.190
0.125
0.165
F
2.040
2.660
0.080
0.105
G
0.407
0.533
0.016
0.021
H
1.150
1.390
0.045
0.055
I
2.420
2.660
0.095
0.105
J
0.380
0.500
0.015
0.020
SOT-223
Dimension
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
6.30
6.50
6.70
0.248
0.256
0.264
B
3.30
3.50
3.70
0.130
0.138
0.146
C
-
-
1.80
-
-
0.071
D
0.02
-
0.10
0.001
-
0.004
E
2.90
3.00
3.15
0.114
0.118
0.124
F
0.60
0.70
0.85
0.024
0.027
0.034
G
-
2.30
-
-
0.090
-
H
-
4.60
-
-
0.181
-
I
6.70
7.00
7.30
0.264
0.276
0.287
J
0.24
0.26
0.35
0.009
0.010
0.014
K
10° Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com