Electronic Components Datasheet Search
  English  ▼

X  

S6002CSRP Datasheet(PDF) 2 Page - Littelfuse

Part # S6002CSRP
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CSRP Datasheet(HTML) 2 Page - Littelfuse

  S6002CSRP Datasheet HTML 1Page - Littelfuse S6002CSRP Datasheet HTML 2Page - Littelfuse S6002CSRP Datasheet HTML 3Page - Littelfuse S6002CSRP Datasheet HTML 4Page - Littelfuse S6002CSRP Datasheet HTML 5Page - Littelfuse S6002CSRP Datasheet HTML 6Page - Littelfuse S6002CSRP Datasheet HTML 7Page - Littelfuse S6002CSRP Datasheet HTML 8Page - Littelfuse S6002CSRP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S6002xS
Thyristor Datasheet
2
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
1. Maximum Ratings...........................................................................................................................................3
2. Thermal Characteristics ..................................................................................................................................3
3. Electrical Characteristics (TJ = 25 °C unless otherwise specified) .................................................................3
4. Static Characteristics (TJ = 25 °C unless otherwise specified).......................................................................3
5. Performance Curves .......................................................................................................................................4
6. Soldering Parameters .....................................................................................................................................6
7. Physical Specifications....................................................................................................................................6
8. Environmental Specifications..........................................................................................................................6
9. Design Considerations....................................................................................................................................6
10. Package Dimensions ....................................................................................................................................7
11. Part Numbering and Marking........................................................................................................................8
12. Product Selector ...........................................................................................................................................9
13. Packing Options............................................................................................................................................9
14. Packing Specifications ..................................................................................................................................9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com