Electronic Components Datasheet Search
  English  ▼

X  

SJ6006DS2TP Datasheet(PDF) 2 Page - Littelfuse

Part # SJ6006DS2TP
Description  Thyristors 6 Amp High Temperature Sensitive & Standard SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SJ6006DS2TP Datasheet(HTML) 2 Page - Littelfuse

  SJ6006DS2TP Datasheet HTML 1Page - Littelfuse SJ6006DS2TP Datasheet HTML 2Page - Littelfuse SJ6006DS2TP Datasheet HTML 3Page - Littelfuse SJ6006DS2TP Datasheet HTML 4Page - Littelfuse SJ6006DS2TP Datasheet HTML 5Page - Littelfuse SJ6006DS2TP Datasheet HTML 6Page - Littelfuse SJ6006DS2TP Datasheet HTML 7Page - Littelfuse SJ6006DS2TP Datasheet HTML 8Page - Littelfuse SJ6006DS2TP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revised: 07/31/17
Specifications are subject to change without notice.
©2017 Littelfuse, Inc
Thyristors
6 Amp High Temperature Sensitive & Standard SCRs
SJxx06xSx & SJxx06xx Series
Absolute Maximum Ratings — Standard SCRs
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
T
C = 125°C
6
A
I
T(AV)
Average on-state current
T
C = 125°C
3.84
A
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
83
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
100
I2t
I2t Value for fusing
t
p = 8.3 ms
41
A2s
di/dt
Critical rate-of-rise of on-state current
f = 60Hz T
J = 150°C
100
A/μs
I
GM
Peak gate current
Pw=20μs, T
J = 150°C
0.5
A
P
G(AV)
Average gate power dissipation
T
J = 150°C
0.1
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 150
°C
V
DSM/VRSM
Peak non-repetitive blocking voltage
Pw=100μs
V
DRM/VRRM+100
V
Absolute Maximum Ratings — Sensitive SCRs
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
T
C = 120°C
6
A
I
T(AV)
Average on-state current
T
C = 120°C
3.84
A
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
83
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
100
I2t
I2t Value for fusing
t
p = 8.3ms
41
A2s
di/dt
Critical rate of rise of on-state current
f = 60Hz, T
J = 150°C
70
A/μs
I
GM
Peak gate current
Pw=20μs, T
J = 150°C
0.5
A
P
G(AV)
Average gate power dissipation
T
J = 150 °C
0.1
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 150
°C
V
DSM/VRSM
Peak non-repetitive blocking voltage
Pw=100μs
V
DRM/VRRM+100
V
Electrical Characteristics (T
J = 25°C, unless otherwise specified) – Sensitive SCRs
Symbol
Test Conditions
Value
Unit
SJxx06xS2
I
GT
V
D = 6V, RL = 100Ω
MIN.
20
μA
MAX.
200
μA
V
GT
MAX.
0.8
V
dv/dt
V
D = VDRM; RGK = 220Ω ; TJ = 125°C
MIN.
15
V/μs
V
GD
V
D = VDRM; RL = 3.3kΩ; TJ = 125°C
MIN.
0.2
V
V
D = VDRM; RL = 3.3kΩ; TJ = 150°C
MIN.
0.1
V
V
GRM
I
GR = 10μA
MIN.
6
V
I
H
I
T = 20mA (initial)
MAX.
6
mA
t
q
t
p=50µs; dv/dt=5V/µs; di/dt=-30A/µs
MAX.
130
μs
t
gt
I
G = 2 x IGT; PW = 15µs; IT = 8A
TYP.
6
μs
NOTE: xx = voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com