Electronic Components Datasheet Search
  English  ▼

X  

537151 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537151
Description  Compressed air filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537151 Datasheet(HTML) 1 Page - Festo Corporation.

  537151 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compressed air filter
MS12-LF-G-EUV
Part number: 537151
Data sheet
Feature
Value
Size
12
Series
MS
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Fully automatic
Manual, non-detenting
Structural design
Sinter filter with centrifugal separator
Max. condensate volume
400 ml
Bowl guard
Integrated as metal bowl guard
Symbol
00991519
Operating pressure
2 bar ... 12 bar
Standard nominal flow rate
12500 l/min ... 16000 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:9:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
5 °C ... 60 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:8:4]
Temperature of medium
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Service life characteristic value
≥1000 hrs
Product weight
7000 g
Type of mounting
Optionally:
Line installation
With mounting bracket
Pneumatic connection 1
Internal
Pneumatic connection 2
Internal
Covering material
PA
Seals material
NBR
Compressed air filter material
Sintered bronze
Housing material
Die-cast aluminum
Material of bowl
Wrought aluminum alloy
Inspection window material
PC
3/3/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 537151

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537150 FESTO-537150 Datasheet
86Kb / 2P
Filter regulator
2/24/22
537152 FESTO-537152 Datasheet
75Kb / 1P
Compressed air filter
3/3/22
537154 FESTO-537154 Datasheet
74Kb / 1P
Micro filter
3/8/22
537156 FESTO-537156 Datasheet
74Kb / 1P
Air line lubricator
3/23/22
More results

Similar Description - 537151

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531482 FESTO-531482 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
531486 FESTO-531486 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535658 FESTO-535658 Datasheet
77Kb / 1P
Compressed air filter
3/1/22
535672 FESTO-535672 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535676 FESTO-535676 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535692 FESTO-535692 Datasheet
77Kb / 1P
Compressed air filter
3/1/22
531537 FESTO-531537 Datasheet
77Kb / 1P
Compressed air filter
3/3/22
531543 FESTO-531543 Datasheet
78Kb / 1P
Compressed air filter
3/3/22
531513 FESTO-531513 Datasheet
78Kb / 1P
Compressed air filter
3/3/22
531515 FESTO-531515 Datasheet
79Kb / 1P
Compressed air filter
3/3/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com