Electronic Components Datasheet Search
  English  ▼

X  

531521 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 531521
Description  Compressed air filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

531521 Datasheet(HTML) 1 Page - Festo Corporation.

  531521 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compressed air filter
MS6N-LF-3/8-ERM
Part number: 531521
Data sheet
Feature
Value
Size
6
Series
MS
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Manually rotating
Structural design
Sinter filter with centrifugal separator
Max. condensate volume
38 ml
Bowl guard
Plastic bowl guard
Symbol
00991519
Operating pressure
0 bar ... 20 bar
Standard nominal flow rate
3800 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [-:9:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:8:4]
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
600 g
Type of mounting
Optionally:
Line installation
With accessories
Pneumatic connection 1
3/8 NPT
Pneumatic connection 2
3/8 NPT
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Compressed air filter material
PE
Housing material
Die-cast aluminum
Material of bowl
PC
Separating disc material
POM
3/3/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 531521

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531520 FESTO-531520 Datasheet
77Kb / 1P
Compressed air filter
3/3/22
logo
SICK AG
5315233 SICK-5315233 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBERS
5315234 SICK-5315234 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Festo Corporation.
531525 FESTO-531525 Datasheet
77Kb / 1P
Compressed air filter
3/3/22
531526 FESTO-531526 Datasheet
77Kb / 1P
Compressed air filter
3/3/22
More results

Similar Description - 531521

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531482 FESTO-531482 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
531486 FESTO-531486 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535658 FESTO-535658 Datasheet
77Kb / 1P
Compressed air filter
3/1/22
535672 FESTO-535672 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535676 FESTO-535676 Datasheet
78Kb / 1P
Compressed air filter
3/1/22
535692 FESTO-535692 Datasheet
77Kb / 1P
Compressed air filter
3/1/22
531537 FESTO-531537 Datasheet
77Kb / 1P
Compressed air filter
3/3/22
531543 FESTO-531543 Datasheet
78Kb / 1P
Compressed air filter
3/3/22
531513 FESTO-531513 Datasheet
78Kb / 1P
Compressed air filter
3/3/22
531515 FESTO-531515 Datasheet
79Kb / 1P
Compressed air filter
3/3/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com