Electronic Components Datasheet Search
  English  ▼

X  

SPNH080.X Datasheet(PDF) 1 Page - Littelfuse

Part # SPNH080.X
Description  POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPNH080.X Datasheet(HTML) 1 Page - Littelfuse

  SPNH080.X Datasheet HTML 1Page - Littelfuse SPNH080.X Datasheet HTML 2Page - Littelfuse SPNH080.X Datasheet HTML 3Page - Littelfuse SPNH080.X Datasheet HTML 4Page - Littelfuse SPNH080.X Datasheet HTML 5Page - Littelfuse SPNH080.X Datasheet HTML 6Page - Littelfuse SPNH080.X Datasheet HTML 7Page - Littelfuse SPNH080.X Datasheet HTML 8Page - Littelfuse SPNH080.X Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Littelfuse.com/spnh
© 2021 Littelfuse, Inc.
Rev: 2-B-083021
1 of 11
POWR-GARD® Fuse Datasheet
SPNH SERIES SOLAR FUSE
1500 V dc • 50–400 A • NH Style
Description
The SPNH series has been designed to meet the emerging
circuit protection needs for 1500 volt photovoltaic systems.
These fuses provide full range protection for all potential
overcurrent conditions that exist in PV applications. Suitable
for PV inverter protection and array combiner applications.
Features/Benefits

Compact NH XL sizes

Low watt loss design

1500 V dc rating for high efficiency designs

Designed to protect against a full range of overcurrents
Applications

Inverters

Re-combiner boxes

Array/Re-combiner application

PV Inverter dc input protection
Web Resources

Download technical documents: Littelfuse.com/spnh
Specifications
Voltage Rating
1500 V dc
Amperage Rating
50, 63, 80, 100, 125, 160, 200, 250, 315,
350, 400 A
Interrupting Rating
30 kA, 50 kA
Time Constant
≤ 2 ms
Material
Body: ceramic
End Bells: copper alloy
Approvals
UL 248-19 Listed (File: E339112)
Applicable Standards
UL 248-1, 248-19
IEC 60269-6
Environmental
RoHS Compliant
SERIES
AMP
PACKAGE
QUANTITY
CATALOG
NUMBER
ORDERING
NUMBER
SPNH
50
1
SPNH050
SPNH050.X
SPNH
200
1
SPNH200
SPNH200.X
SPNH
400
1
SPNH400
SPNH400.XXDLMS
*Solid blade option for 1XL case size does not require a case or termination designator for
the part number.
Part Numbering System
SPNH XXX .X X DL
Series
Amp Code
Package Quantity
X = 1
Case Size*
X = 1XL size
2XL = 2XL size
3L = 3L size
Termination*
Blank = solid blade
w/Microswitch tab
DL = S blade
DE = U blade
DLMS = S blade
w/Microswitch tab
DEMS = U blade
w/Microswitch tab
Refer to Amp Code
Column in Ordering
Information table
Recommended Accessories
1XL Case Size
Fuse Holder: LFNH152001CST
Fuse Terminial Covers: LFNH15200FBC
2XL Case Size
Fuse Holder: LFNH154001CST
Fuse Terminial Covers: LFNH15400FBC
3L Case Size
Fuse Holder: LFNH156301CST
Fuse Terminial Covers: LFNH15630FBC
Microswitch
MSSPNH1500X
Look for this logo to indicate products that are used in solar applications. Visit our website
Littelfuse.com/solar for the latest updates on approvals, certifications, and new products.


Similar Part No. - SPNH080.X

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
SPN KGS-SPN Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
SPN-04L KGS-SPN-04L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
SPN-06L KGS-SPN-06L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
SPN-08L KGS-SPN-08L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
Richco, Inc.
SPN-10 RICHCO-SPN-10 Datasheet
59Kb / 1P
STEEL, SANTOPRENE SLEEVE CLAMP
More results

Similar Description - SPNH080.X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
Solar Rated Midget Fuse
SPF002 LITTELFUSE-SPF002_1 Datasheet
400Kb / 1P
1000 Vdc Solar Fuse
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
LPSC LITTELFUSE-LPSC Datasheet
502Kb / 1P
LPSC/LPSM POWR-SAFE FUSE HOLDERS
LPSM LITTELFUSE-LPSM Datasheet
502Kb / 1P
LPSC/LPSM POWR-SAFE FUSE HOLDERS
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
SPXV SERIES SOLAR FUSE
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
LPSC0001ZXID LITTELFUSE-LPSC0001ZXID_V01 Datasheet
275Kb / 1P
LPSC / LPSM POWR-SAFE FUSE HOLDERS
Rev: 083121
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com