Electronic Components Datasheet Search
  English  ▼

X  

SPNH063 Datasheet(PDF) 6 Page - Littelfuse

Part # SPNH063
Description  POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPNH063 Datasheet(HTML) 6 Page - Littelfuse

Back Button SPNH063 Datasheet HTML 2Page - Littelfuse SPNH063 Datasheet HTML 3Page - Littelfuse SPNH063 Datasheet HTML 4Page - Littelfuse SPNH063 Datasheet HTML 5Page - Littelfuse SPNH063 Datasheet HTML 6Page - Littelfuse SPNH063 Datasheet HTML 7Page - Littelfuse SPNH063 Datasheet HTML 8Page - Littelfuse SPNH063 Datasheet HTML 9Page - Littelfuse SPNH063 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Littelfuse.com/spnh
© 2021 Littelfuse, Inc.
Rev: 2-B-083021
6 of 11
POWR-GARD® Fuse Datasheet
SPNH SERIES SOLAR FUSE
Dimensions Millimeters (in)
Size: 2 XL DE Blade w/ MicroswitchTab
Recommended Torque: 77 Nm*
Size: 3 L DL Blade w/ MicroswitchTab
Recommended Torque: 44 Nm*
Size: 3 L DE Blade w/ MicroswitchTab
Recommended Torque: 77 Nm*
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-SPNH.X2XLDEMS
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MYORK
4/18/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
1500VDC SIZE 2XL W/ U-BLADE PHOTOVOLTAIC FUSE W/ MICROSWITCH
INTERFACE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
6/25/18
519469GCP - RELEASE PER EM3026 MRY
126.00
[4.961]
30.00
[1.181]
196.00
[7.717]
131.20
[5.165]
60.00
[2.362]
60.00
[2.362]
6.00
[0.236]
164.00
[6.457]
13.00
[0.512]
(2x)
9.85
[0.388]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-SPNH.X3LDEMS
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MYORK
4/18/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
1500VDC SIZE 3L W/ U-BLADE PHOTOVOLTAIC FUSE W/ MICROSWITCH
INTERFACE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
6/25/18
519469GCP - RELEASE PER EM3026 MRY
126.00
[4.961]
131.20
[5.165]
73.00
[2.874]
73.00
[2.874]
164.00
[6.457]
196.00
[7.717]
13.00
[0.512]
(2x)
37.00
[1.457]
6.00
[0.236]
9.85
[0.388]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-SPNH.X3LDLMS
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MYORK
4/18/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
1500VDC SIZE 3L W/ S-BLADE PHOTOVOLTAIC FUSE W/ MICROSWITCH
INTERFACE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
6/25/18
519469GCP - RELEASE PER EM3026 MRY
126.00
[4.961]
131.20
[5.165]
73.00
[2.874]
73.00
[2.874]
165.50
[6.516]
196.00
[7.717]
11.00
[0.433]
37.00
[1.457]
11.00
[0.433]
9.85
[0.388]
6.00
[0.236]
*recommended torque values are for grade 8 steel hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com