Electronic Components Datasheet Search
  English  ▼

X  

SPNH080-DL Datasheet(PDF) 7 Page - Littelfuse

Part # SPNH080-DL
Description  POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPNH080-DL Datasheet(HTML) 7 Page - Littelfuse

Back Button SPNH080-DL Datasheet HTML 3Page - Littelfuse SPNH080-DL Datasheet HTML 4Page - Littelfuse SPNH080-DL Datasheet HTML 5Page - Littelfuse SPNH080-DL Datasheet HTML 6Page - Littelfuse SPNH080-DL Datasheet HTML 7Page - Littelfuse SPNH080-DL Datasheet HTML 8Page - Littelfuse SPNH080-DL Datasheet HTML 9Page - Littelfuse SPNH080-DL Datasheet HTML 10Page - Littelfuse SPNH080-DL Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Littelfuse.com/spnh
© 2021 Littelfuse, Inc.
Rev: 2-B-083021
7 of 11
POWR-GARD® Fuse Datasheet
SPNH SERIES SOLAR FUSE
Electrical Specifications
AMPERAGE
RATING
VOLTAGE
RATING
INTERRUPTING
RATING
NOM COLD
RESISTANCE
(mΩ)
MELTING
(PRE-ARC)
I2T (A2s)
TOTAL CLEARING
I2T (A2s) AT RATED
VOLTAGE
WATTS LOSS
AT 100% RATED
CURRENT (W)
WATTS LOSS
AT 70% RATED
CURRENT (W)
SIZE
DC
DC
50
1500
30 kA
3.95
800
3,500
14
6
1 XL
63
1500
30 kA
2.96
1,500
6,000
14
6.2
80
1500
30 kA
2.36
5,000
15,000
16
7
100
1500
30 kA
1.47
10,000
26,000
19
8.3
125
1500
30 kA
1.07
15,000
37,000
22
9.7
160
1500
30 kA
0.85
19,000
48,000
30
13.2
200
1500
30 kA
0.63
22,000
75,000
32.5
13.7
200
1500
30 kA
0.66
42,000
75,000
36
15.9
2 XL
250
1500
30 kA
0.51
73,000
132,000
44
19.3
315
1500
50 kA
0.37
65,000
300,000
57
22.2
3 L
350
1500
50 kA
0.33
75,000
350,000
61
23.7
400
1500
50 kA
0.28
85,000
450,000
67
26.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com