Electronic Components Datasheet Search
  English  ▼

X  

ADP1764 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1764
Description  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1764 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1764 Datasheet HTML 9Page - Analog Devices ADP1764 Datasheet HTML 10Page - Analog Devices ADP1764 Datasheet HTML 11Page - Analog Devices ADP1764 Datasheet HTML 12Page - Analog Devices ADP1764 Datasheet HTML 13Page - Analog Devices ADP1764 Datasheet HTML 14Page - Analog Devices ADP1764 Datasheet HTML 15Page - Analog Devices ADP1764 Datasheet HTML 16Page - Analog Devices ADP1764 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP1764
Rev. A | Page 13 of 20
THEORY OF OPERATION
The ADP1764 is a low dropout (LDO), low noise linear regulator
that uses an advanced proprietary architecture to achieve high
efficiency regulation. It also provides high PSRR and excellent line
and load transient response using a small 22 µF ceramic output
capacitor. The device operates from a 1.10 V to 1.98 V input rail
to provide up to 4 A of output current. The supply current in
shutdown mode is less than 4 µA.
SS BLOCK
REFCAP
SS
PG
SHORT-CIRCUIT,
THERMAL
PROTECTION
INTERNAL
BIAS SUPPLY
ADP1764
VIN
VREG
EN
GND
REFERENCE,
BIAS
VOUT
SENSE
Figure 38. Functional Block Diagram, Fixed Output
SS BLOCK
SHORT-CIRCUIT,
THERMAL
PROTECTION
INTERNAL
BIAS SUPPLY
REFCAP
SS
PG
VIN
VREG
VADJ
IADJ
EN
GND
VOUT
SENSE
ADP1764
Figure 39. Functional Block Diagram, Adjustable Output
Internally, the ADP1764 consists of a reference, an error amplifier,
and a pass device. The output current is delivered via the pass
device, which is controlled by the error amplifier, forming a
negative feedback system that ideally drives the feedback voltage
to equal the reference voltage. If the feedback voltage is lower than
the reference voltage, the negative feedback drives more current,
increasing the output voltage. If the feedback voltage is higher than
the reference voltage, the negative feedback drives less current,
decreasing the output voltage.
The ADP1764 is available in output voltages ranging from 0.55 V
to 1.5 V for a fixed output. Contact your local Analog Devices, Inc.,
sales representative for other fixed voltage options. The adjustable
output option can be set from 0.5 V to 1.5 V. The ADP1764 uses
the EN pin to enable and disable the VOUT pin under normal
operating conditions. When EN is high, VOUT turns on. When
EN is low, VOUT turns off. For automatic startup, tie EN to VIN.
SOFT START FUNCTION
For applications that require a controlled startup, the ADP1764
provides a programmable soft start function. The programmable
soft start is useful for reducing inrush current upon startup and
for providing voltage sequencing. To implement soft start, connect
a small ceramic capacitor from SS to GND. At startup, a 10 µA
current source charges this capacitor. The voltage at SS limits
the ADP1764 start-up output voltage, providing a smooth ramp up
to the nominal output voltage. To calculate the start-up time for
the fixed output (tSTARTUP_FIXED) and adjustable (tSTARTUP_ADJ) output,
use the following equations:
tSTARTUP_FIXED = tDELAY + VREF × (CSS/ISS)
(1)
tSTARTUP_ADJ = tDELAY + VADJ × (CSS/ISS)
(2)
where:
tDELAY is a fixed delay of 100 µs.
VREF is a 0.5 V internal reference for the fixed output model option.
CSS is the soft start capacitance from SS to GND.
ISS is the current sourced from SS (10 µA).
VADJ is the voltage at the VADJ pin, equal to RADJ × IADJ.
1.6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–1.0
2.5
TIME (ms)
–0.5
0
0.5
1.0
1.5
2.0
EN
CSS = 0nF
CSS = 10nF
CSS = 22nF
Figure 40. Fixed VOUT Ramp-Up with External Soft Start Capacitor (VOUT,EN) vs. Time
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.1
0.2
0
–1.0
–0.5
0
0.5
1.5
1.0
2.0
2.5
TIME (ms)
EN
VOUT = 0.5V; CSS = 0nF
VOUT = 0.5V; CSS = 10nF
VOUT = 0.5V; CSS = 22nF
VOUT = 1.5V; CSS = 0nF
VOUT = 1.5V; CSS = 10nF
VOUT = 1.5V; CSS = 22nF
Figure 41. Adjustable VOUT Ramp-Up with External Soft Start Capacitor
(VOUT,EN) vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com