Electronic Components Datasheet Search
  English  ▼

X  

ADP1740 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1740
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1740 Datasheet(HTML) 3 Page - Analog Devices

  ADP1740 Datasheet HTML 1Page - Analog Devices ADP1740 Datasheet HTML 2Page - Analog Devices ADP1740 Datasheet HTML 3Page - Analog Devices ADP1740 Datasheet HTML 4Page - Analog Devices ADP1740 Datasheet HTML 5Page - Analog Devices ADP1740 Datasheet HTML 6Page - Analog Devices ADP1740 Datasheet HTML 7Page - Analog Devices ADP1740 Datasheet HTML 8Page - Analog Devices ADP1740 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADP1765
Rev. A | Page 3 of 20
SPECIFICATIONS
VIN = VOUT + 0.2 V or VIN = 1.1 V, whichever is greater, IOUT = 100 mA, CIN = 22 µF, COUT = 22 µF, CREF = 1 µF, CREG = 1 µF, TA = 25°C,
minimum and maximum limits at TJ = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE SUPPLY RANGE
VIN
TJ = −40°C to +125°C
1.10
1.98
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 µA
5
17
mA
IOUT = 100 mA
5
18
mA
IOUT = 5 A
12
25
mA
SHUTDOWN CURRENT
IGND_SD
EN = GND
4
µA
TJ = −40°C to +85°C
200
µA
TJ = 85°C to 125°C
900
µA
NOISE1
Output Noise
OUTNOISE
10 Hz to 100 kHz, VIN = 1.1 V, VOUT = 0.9 V
3
µV rms
100 Hz to 100 kHz, VIN = 1.1 V, VOUT = 0.9 V
2
µV rms
10 Hz to 100 kHz, VIN = 1.5 V, VOUT = 1.3 V
3
µV rms
100 Hz to 100 kHz, VIN = 1.5 V, VOUT = 1.3 V
2
µV rms
10 Hz to 100 kHz, VIN = 1.7 V, VOUT = 1.5 V
3
µV rms
100 Hz to 100 kHz, VIN = 1.7 V, VOUT = 1.5 V
2
µV rms
Noise Spectral Density
OUTNSD
VOUT = 0.55 V to 1.5 V, IOUT = 100 mA
At 10 kHz
5
nV/√Hz
At 100 kHz
4
nV/√Hz
POWER SUPPLY REJECTION RATIO1
PSRR
IOUT = 5 A, modulated VIN
10 kHz, VOUT = 1.3 V, VIN = 1.7 V
61
dB
100 kHz, VOUT = 1.3 V, VIN = 1.7 V
43
dB
1 MHz, VOUT = 1.3 V, VIN = 1.7 V
33
dB
10 kHz, VOUT = 0.9 V, VIN = 1.3 V
57
dB
100 kHz, VOUT = 0.9 V, VIN = 1.3 V
43
dB
1 MHz, VOUT = 0.9 V, VIN = 1.3 V
33
dB
OUTPUT VOLTAGE RANGE
TJ = 25°C
Fixed
VOUT_FIXED
0.55
1.5
V
Adjustable
VOUT_ADJ
0.5
1.5
V
FIXED OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 100 mA, TJ = 25°C
−0.75
+0.75
%
100 mA < IOUT < 5 A, TJ = 0°C to 85°C
−1.3
+1.3
%
100 mA < IOUT < 5 A, TJ = 0°C to 125°C
−1.5
+1.5
%
ADJUSTABLE PIN CURRENT
IADJ
TJ = 25°C, VADJ = 0.5 V
49.5
50.0
50.7
µA
VIN = VOUT + 0.2 V or VIN = 1.1 V, whichever
is greater to 1.98 V
49.0
50.0
51.2
µA
ADJUSTABLE OUTPUT VOLTAGE GAIN FACTOR
AD
VADJ = 0.5 V; VIN = VOUT+ 0.2 V or VIN = 1.1 V,
whichever is greater, to 1.98 V
TJ = 25°C
2.99
TJ = −40°C to +125°C
2.96
3.02
REGULATION
Line
∆VOUT/∆VIN
VIN = VOUT + 0.2 V or VIN = 1.1 V, whichever
is greater, to 1.98 V
−0.10
+0.10
%/V
Load2
∆VOUT/∆IOUT
IOUT = 100 mA to 5 A
0.12
0.3
%/A
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 4 A, VOUT = 1.2 V
47
75
mV
IOUT = 5 A, VOUT = 1.2 V
59
95
mV
START-UP TIME1, 4
tSTARTUP
CSS = 10 nF, VOUT = 1 V
1
ms
SOFT START CURRENT
IREF
1.1 V ≤ VIN ≤ 1.98 V
8
10
12
µA
CURRENT-LIMIT THRESHOLD1, 5
ILIMIT
7.0
8.0
8.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com