Electronic Components Datasheet Search
  English  ▼

X  

1628875 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1628875
Description  Cable connector - M23-7EP198A80DN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1628875 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1628875 Datasheet HTML 1Page - PHOENIX CONTACT 1628875 Datasheet HTML 2Page - PHOENIX CONTACT 1628875 Datasheet HTML 3Page - PHOENIX CONTACT 1628875 Datasheet HTML 4Page - PHOENIX CONTACT 1628875 Datasheet HTML 5Page - PHOENIX CONTACT 1628875 Datasheet HTML 6Page - PHOENIX CONTACT 1628875 Datasheet HTML 7Page - PHOENIX CONTACT 1628875 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1628875
09/12/2020   Page 1 / 8
Cable connector - M23-7EP198A80DN - 1628875
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, M23 PRO, straight short, shielded: yes, Screw locking, M23, No. of pos.: 4+3+PE, type of
contact: Pin, Crimp connection, cable diameter range: 5.5 mm ... 15 mm
Your advantages
 Solutions with cross-manufacturer compatibility for standard and fast locking systems
 Reliable under the harshest conditions: cable connectors with vibration brake
 Modern, consistent design for highly convenient operation
 Easy, cost-effective cable assembly: uniform shielding of M17 to M40
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626617718
Technical data
Temperature range
Ambient temperature
-40 °C ... 125 °C
Standards and Regulations
Safety note
WARNING: The connectors may not be plugged in or disconnected
under load. Ignoring the warning or improper use may damage persons
and/or property.
• WARNING: Commission properly functioning products only. The
products must be regularly inspected for damage. Decommission
defective products immediately. Replace damaged products. Repairs
are not possible.
• WARNING: Only electrically qualified personnel may install and
operate the product. They must observe the following safety notes.
The qualified personnel must be familiar with the basics of electrical
engineering. They must be able to recognize and prevent danger. The
relevant symbol on the packaging indicates that only personnel familiar
with electrical engineering are allowed to install and operate the product.


Similar Part No. - 1628875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628871 PHOENIX-1628871 Datasheet
484Kb / 12P
M23-5EP198A80DNS - Cable connector
1628872 PHOENIX-1628872 Datasheet
466Kb / 13P
M23-5EP198A8024S - Cable connector
1628873 PHOENIX-1628873 Datasheet
464Kb / 12P
M23-5EP198A8023S - Cable connector
1628874 PHOENIX-1628874 Datasheet
466Kb / 13P
M23-5EP198A8022S - Cable connector
1628876 PHOENIX-1628876 Datasheet
487Kb / 14P
M23-7EP198A8024 - Cable connector
More results

Similar Description - 1628875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629176 PHOENIX-1629176 Datasheet
354Kb / 7P
Cable connector - M23-07P1N8A80DUS
02/04/2022
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629208 PHOENIX-1629208 Datasheet
380Kb / 8P
Cable connector - M23-12P1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1628814 PHOENIX-1628814 Datasheet
520Kb / 14P
M23-7ES198A8023S - Cable connector
1628847 PHOENIX-1628847 Datasheet
514Kb / 14P
M23-7EP198A8LDLS - Cable connector
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629166 PHOENIX-1629166 Datasheet
635Kb / 17P
M23-12S1N8A8003S - Cable connector
1629187 PHOENIX-1629187 Datasheet
521Kb / 14P
M23-06S1N8A8002S - Cable connector
1629206 PHOENIX-1629206 Datasheet
641Kb / 18P
M23-17S1N8A8003 - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com