Electronic Components Datasheet Search
  English  ▼

X  

QPC6044 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC6044
Description  5MHz to 6GHz Absorptive High Isolation SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC6044 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC6044 Datasheet HTML 1Page - Qorvo, Inc QPC6044 Datasheet HTML 2Page - Qorvo, Inc QPC6044 Datasheet HTML 3Page - Qorvo, Inc QPC6044 Datasheet HTML 4Page - Qorvo, Inc QPC6044 Datasheet HTML 5Page - Qorvo, Inc QPC6044 Datasheet HTML 6Page - Qorvo, Inc QPC6044 Datasheet HTML 7Page - Qorvo, Inc QPC6044 Datasheet HTML 8Page - Qorvo, Inc QPC6044 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QPC6044
5 MHz to 6 GHz Absorptive High Isolation SP4T Switch
Datasheet, Rev. I, April 9, 2020 | Subject to change without notice
2 of 12
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Device Voltage (VDD)
+2.7
+5.0
+5.5
V
Device Voltage (VSS), External
Negative Voltage Supply
-5.5
-5.0
-2.7
V
Device Voltage (VSS), Internal
Negative Voltage Generator
0
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
+125
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to +150 °C
RF Input Power, non-internally terminated
+37.5 dBm
RF Input Power, RFX terminated
+29 dBm
Device Voltage
(VDD)
+6 V
(VSS)
-6 V
Control Voltage (V1, V2, V3)
Low / High
-0.2 V / +6 V
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
 (1)
Min
Typ
Max
Units
Operational Frequency Range
5
6000
MHz
Insertion Loss (2)
(RFC to RF1/RF2/RF3/RF4)
450 MHz
0.87
dB
900 MHz
0.91
dB
2100 MHz
0.98
1.25
dB
2600 MHz
1.00
dB
4000 MHz
1.05
dB
6000 MHz
1.20
dB
Isolation
(RFC to RF1/RF2/RF3/RF4)
450 MHz
66
dB
900 MHz
61
dB
2100 MHz
50
54
dB
2600 MHz
52
dB
4000 MHz
48.5
dB
6000 MHz
45.5
dB
Isolation
(RF1/2/3/4 to RF1/2/3/4)
450 MHz
62
dB
900 MHz
57
dB
2100 MHz
50
dB
2600 MHz
48
dB
4000 MHz
45
dB
6000 MHz
42
dB
Return Loss
(RF1/RF2/RF3/RF4 ON-State)
450 MHz
26
dB
900 MHz
25
dB
2100 MHz
26
dB
2600 MHz
27
dB
4000 MHz
30
dB
6000 MHz
20
dB
Return Loss
(RF1/RF2/RF3/RF4 OFF-State)
450 MHz
32
dB
900 MHz
28
dB
2100 MHz
23
dB
2600 MHz
22
dB
4000 MHz
20
dB
6000 MHz
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com