Electronic Components Datasheet Search
  English  ▼

X  

QPC7334 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC7334
Description  5MHz to 684MHz Variable Equalizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC7334 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC7334 Datasheet HTML 1Page - Qorvo, Inc QPC7334 Datasheet HTML 2Page - Qorvo, Inc QPC7334 Datasheet HTML 3Page - Qorvo, Inc QPC7334 Datasheet HTML 4Page - Qorvo, Inc QPC7334 Datasheet HTML 5Page - Qorvo, Inc QPC7334 Datasheet HTML 6Page - Qorvo, Inc QPC7334 Datasheet HTML 7Page - Qorvo, Inc QPC7334 Datasheet HTML 8Page - Qorvo, Inc QPC7334 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
QPC7334
Data Sheet Rev C, October 22, 2021 | Subject to change without notice
2 of 14
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (Vdd)
+5
V
Junction Temperature
+125
°C
Operating Temperature
-30
+100
°C
Electrical specifications are measured at specified test conditions in
application circuit. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value / Range
Supply Voltage (Vdd)
-0.5 to +6V
Control Voltage (Vc)
-0.5 to +6V
Control Voltage 2 (Vc2)
-2 to +24V
MODE
-0.5 to +6V
Storage Temperature
−40 to 100 °C
RF Input Power
+30 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications – Tested in Evaluation Circuit
Parameter
Conditions (Vdd=5V, TMB=25°C, ZS=ZL=75)
Min
Typ
Max
Units
General Performance
Supply Current (Idd)
2.7
mA
Thermal Resistance
70
K/W
RF Input Power
27
dBm
Frequency Range
5
684
MHz
Minimum Slope [1]
f= 5 to 684MHz
0.4
dB
Maximum Slope [1]
f= 5 to 684MHz
16
dB
RF Performance, slope set between 1dB and 16dB
Insertion Loss (S21)
f= 684MHz
2
2.2
dB
Flatness [2]
f= 5 to 684MHz
<0.8
1.1
dB
Input Return Loss (S11)
f= 5 to 684MHz
-18
dB
Output Return Loss (S22)
f= 5 to 20MHz
-16
dB
Output Return Loss (S22)
f= 20 to 684MHz
-20
dB
Input IP3
PIN + (IM3dBc/2)
6MHz tone spacing at 15dBm/tone
50
dBm
Input IP2
PIN + IM2dBc, IM2 is F1 + F2
6MHz tone spacing at 15dBm/tone
80
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com