Electronic Components Datasheet Search
  English  ▼

X  

QPL1002 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPL1002
Description  0.03 ??3 GHz GaN LNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL1002 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPL1002 Datasheet HTML 1Page - Qorvo, Inc QPL1002 Datasheet HTML 2Page - Qorvo, Inc QPL1002 Datasheet HTML 3Page - Qorvo, Inc QPL1002 Datasheet HTML 4Page - Qorvo, Inc QPL1002 Datasheet HTML 5Page - Qorvo, Inc QPL1002 Datasheet HTML 6Page - Qorvo, Inc QPL1002 Datasheet HTML 7Page - Qorvo, Inc QPL1002 Datasheet HTML 8Page - Qorvo, Inc QPL1002 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
QPL1002
0.03
– 3 GHz GaN LNA
Data Sheet Rev. A, June 26, 2017 | Subject to change without notice
- 3 of 14 -
www.qorvo.com
Performance Plots – Small Signal
Test Conditions unless otherwise stated: VD = 12V, VC = +2V, IDQ = 50mA, 25C
Data de-embedded to device reference plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com