Electronic Components Datasheet Search
  English  ▼

X  

QPL1815 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPL1815
Description  75廓 CATV Amplifier 50 ??1800MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL1815 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPL1815 Datasheet HTML 1Page - Qorvo, Inc QPL1815 Datasheet HTML 2Page - Qorvo, Inc QPL1815 Datasheet HTML 3Page - Qorvo, Inc QPL1815 Datasheet HTML 4Page - Qorvo, Inc QPL1815 Datasheet HTML 5Page - Qorvo, Inc QPL1815 Datasheet HTML 6Page - Qorvo, Inc QPL1815 Datasheet HTML 7Page - Qorvo, Inc QPL1815 Datasheet HTML 8Page - Qorvo, Inc QPL1815 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Classification | PRIVATE
_________________________________________________________________________________________________
QPL1815
75Ω CATV Amplifier 50 – 1800MHz
Data Sheet – Rev C | Oct 21 , 2020 | Subject to change without notice
- 1 of 10
© 2020 Qorvo US, Inc. | Rejimon.Varghese@qorvo.com
Qorvo Confidential & Proprietary Information
Product Overview_________________
The QPL1815 is a high performance broadband
DOCSIS 4.0 MMIC amplifier designed with GaAs
pHEMT technology optimized for low noise and high
linearity. A Darlington configuration is utilized for broad-
band performance with on-chip active bias circuit for
consistent bias current and repeatable performance. The
QPL1815 contains two amplifiers used in push-pull
configuration for excellent second and third order
linearity performance.
Package: SOIC-8
Functional Block Diagram___________
Key Features__________________
 7V Single Supply
 11dB Gain @ 1800MHz
 OIP3: +40dBm
 P1dB: +24dBm
 Compact Size: 8-pin SOIC
 50MHz to 1800MHz operation
supporting DOCSIS 4.0
 pHEMT GaAs device technologies
Ordering Information________________
Applications___________________
Part Number
Description
 Broadband CATV Amplifiers and Nodes
 CATV Line Driver Amplifier
 DOCSIS 4.0
 75 Ohm Amplifiers
QPL1815SB
Sample bag with 5 pieces
QPL1815SR
7" Reel with 100 pieces
QPL1815TR13
13" Reel with 2500 pieces
QPL1815EVB-01
Evaluation Board


Similar Part No. - QPL1815

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL1810 QORVO-QPL1810 Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
QPL1810EVB-01 QORVO-QPL1810EVB-01 Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
QPL1810SB QORVO-QPL1810SB Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
QPL1810SR QORVO-QPL1810SR Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
QPL1810TR13 QORVO-QPL1810TR13 Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
More results

Similar Description - QPL1815

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
logo
Qorvo, Inc
QPL1818 QORVO-QPL1818 Datasheet
602Kb / 11P
75 15 dB CATV Amplifier (50 ??1800MHz)
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
75廓 CATV Amplifier 50 ??1800MHz
QPL1812 QORVO-QPL1812 Datasheet
1Mb / 11P
75廓 CATV,19dB Gain, Single Ended Amplifier, 50 ??1800MHz
QPB7420 QORVO-QPB7420_V01 Datasheet
1Mb / 22P
75 廓 20 dB CATV Amplifier 47 ??1218 MHz
Aug 30, 2021
QPB8957 QORVO-QPB8957 Datasheet
1Mb / 13P
75廓 28dB CATV Doubler Amplifier 50 - 1003MHz
July 29, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com