Electronic Components Datasheet Search
  English  ▼

X  

QPL6202Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPL6202Q
Description  Ultra-Low Noise, High Gain LNA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL6202Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPL6202Q Datasheet HTML 1Page - Qorvo, Inc QPL6202Q Datasheet HTML 2Page - Qorvo, Inc QPL6202Q Datasheet HTML 3Page - Qorvo, Inc QPL6202Q Datasheet HTML 4Page - Qorvo, Inc QPL6202Q Datasheet HTML 5Page - Qorvo, Inc QPL6202Q Datasheet HTML 6Page - Qorvo, Inc QPL6202Q Datasheet HTML 7Page - Qorvo, Inc QPL6202Q Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QPL6202Q
Ultra-Low Noise, High Gain LNA
Data Sheet Rev D
Subject to change without notice
- 4 of 8 -
www.qorvo.com
®
Pin Configuration and Description
Top View
Pad No.
Label
Description
1
Vbias
Sets the Icq bias point for the device.
2
RF In
RF Input pin. A DC Block is required.
6
Shut Down
A high voltage (>1.17V) turns off the device. If the pin is pulled to ground or driven with a
voltage less than 0.63V, then the device will operate under LNA ON state.
7
RF Out /
DCBias
RF Output pin. DC bias will also need to be injected through a RF bias
choke/inductor for operation.
3, 4, 5, 8
NC
No electrical connection. Provide grounded land pads for PCB mounting integrity.
Backside
Paddle
RF/DC
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal
resistance; see PCB Mounting Pattern for suggested footprint.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com