Electronic Components Datasheet Search
  English  ▼

X  

QPL9547 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPL9547
Description  0.1 -6 GHz Ultra Low-Noise LNA
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9547 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPL9547 Datasheet HTML 1Page - Qorvo, Inc QPL9547 Datasheet HTML 2Page - Qorvo, Inc QPL9547 Datasheet HTML 3Page - Qorvo, Inc QPL9547 Datasheet HTML 4Page - Qorvo, Inc QPL9547 Datasheet HTML 5Page - Qorvo, Inc QPL9547 Datasheet HTML 6Page - Qorvo, Inc QPL9547 Datasheet HTML 7Page - Qorvo, Inc QPL9547 Datasheet HTML 8Page - Qorvo, Inc QPL9547 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QPL9547
0.1-6 GHz Ultra Low-Noise LNA
Data Sheet, Rev. C, June 02, 2020 | Subject to change without notice
2 of 11
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
+3.15
+5
+5.25
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
190
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to +150°C
Supply Voltage (VDD)
7 V
RF Input Power, CW, 50Ω, T=25°C
22 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
 (1)
Min
Typ
Max
Units
Operational Frequency Range
100
6000
MHz
Test Frequency
1900
MHz
Gain
17.5
19.5
dB
Input Return Loss
12.2
dB
Output Return Loss
13.5
dB
Noise Figure (2)
0.3
0.5
dB
Output P1dB
+21.0
+22.7
dBm
Output IP3
Pout=+2 dBm/tone,
Δf=1 MHz
+35.0
+39.3
dBm
Power Shutdown Control (pin 6)
On state
0
0.63
V
Off state (Power down)
1.17
VDD
V
Current, IDD
On state
65
100
mA
Off state (Power down)
4.3
mA
Shutdown pin current, ISD
VPD = 1.8 V
28
µA
Switching Time (LNA On)
50% DC to 0.5dB of settled power/gain
80
ns
Switching Time (LNA Off)
50% DC to -20dB from LNA On power/gain
80
ns
Thermal Resistance
Channel to case
38.6
°C/W
Notes:
1.
Test conditions unless otherwise noted: VDD = +5.0 V, Temp = +25 °C, 50 Ω system.
2.
Input trace loss de-embedded form NF data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com