Electronic Components Datasheet Search
  English  ▼

X  

MESR901 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MESR901
Description  Industrial Modbus Ethernet to Serial Gateways
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MESR901 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MESR901 Datasheet HTML 1Page - Advantech Co., Ltd. MESR901 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Industrial Modbus
Ethernet to Serial Gateways
MESR900 Series - Copper Models
PROTOCOLS
Protocols
TCP, IPv4, ARP, HTTP 1.0, ICMP/PING, DHCP/BOOTP
IP Mode
Static, DHCP
TCP
User definable
OTHER
Mode
Modbus RTU Master / Slave
Modbus ASCII Master/Slave
Search
Serial direct COM and Ethernet Auto Search or
specific IP
Diagnostics
Display PC IP, ping, test VCOM, save test
config. (text readable)
Firmware Upgrade
Vlinx Manager
ETHERNET PASS-THROUGH PORT (MESR92X)
Standards
IEEE 802.3, 802.3u, 802.3x
Processing Type
Store and Forward with 802.3x full duplex, non blocking
flow control
Flow Control
IEEE 802.3x flow control, back pressure flow control
MAC Address Table
2K
CONFIGURATION SOFTWARE
Vlinx Manager
Windows 2000, XP (32/64 bit), 2003 Server (32/64 bit),
Vista (32/64 bit), 2008 Server (32/64 bit),
Win 7 (32/64 bit)
REGULATORY / CERTIFICATIONS / SAFETY
Compliance
FCC, CE, NEMA TS2 (MESR901)
UL Listed, File E222870
UL Class 1 Division 2 Groups A, B, C, D (HAZLOC),
File E245458
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-232
TD, RD, RTS, CTS, DTR, DCR, DTD, GND
RS-485 2-Wire
Data A(-), Data B(+), GND
RS-422/485 4-Wire
TDA(-), TDB(+), RDA(-), RDB(+), GND
Serial Connector
DB9M or Removable Terminal Blocks; 12 to 28 AWG
Data Rate
Up to 230.4 Kbps
POWER
Source
External
Input Voltage
10 to 48 VDC (58 VDC Maximum)
Connector
Removable Terminal Block (12 – 28 AWG)
POWER
CONSUMPTION
MESR90X
4.0 Watts
MESR92X
6.0 Watts
MECHANICAL
LED Indicators
Serial Port, Ethernet Link, Ready
Switches
Reset Button
Dimensions
MESR90x: 11.94 x 8.03 x 2.96 cm (4.70 x 3.16 x 1.16 in)
MESR92x: 14.86 x 10.11 x 2.96 cm (5.85 x 3.98 x 1.16 in)
Weight
MESR90x: 149.7 g (0.33 lbs)
MESR92x: 204.1 g (0.45 lbs)
ENVIRONMENTAL
Operating Temperature -40 to 80°C (-40 to 176°F)
Operating Humidity
0 to 95% Non-condensing
MTBF MESR90X
~ 132309 hours
MTBF MESR92X
~ 102593 hours
MTBF Calc Method
Parts Count Reliability Prediction
NETWORK
Serial Memory
8 KB per port
Network Memory
4 KB
LAN
10/100 Mbps Auto-detecting
Ethernet
IEEE 802.3 auto detecting & auto MDI/MDX 10/100
MECHANICAL DIAGRAM -
MECHANICAL DIAGRAM -
MESR90X MODELS
MESR92X MODELS
11.938 cm
4.700 in
Ready
P1 Link
14.86 cm
5.85 in
2.957 cm
1.164 in
10.11 cm
3.98 in
2.95 cm
1.16 in
8.026 cm
3.160 in
11.938 cm
4.700 in
Ready
P1 Link
14.86 cm
5.85 in
2.957 cm
1.164 in
10.11 cm
3.98 in
2.95 cm
1.16 in
8.026 cm
3.160 in



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com