Electronic Components Datasheet Search
  English  ▼

X  

MESR921 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MESR921
Description  Industrial Modbus Ethernet to Serial Gateways
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MESR921 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MESR921 Datasheet HTML 1Page - Advantech Co., Ltd. MESR921 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech-bb.com / Enabling an Intelligent Planet
All product specifications are subject to change without notice.
Industrial Modbus Ethernet
to Serial Gateways
MESR900 Series - Copper Models
• Ethernet enable Modbus RS-232/422/485
• Modbus TCP, ASCII & RTU
• Modbus flexibility – serial & Ethernet,
Masters & slaves
• Modbus messaging priority control
• View messaging status in real time
• Easy configuration software
• UL Class 1 Division 2
• NEMA TS2 (MESR901)
PRODUCT FEATURES
MESR900 Modbus Gateways bridge devices on Modbus serial networks
(RS-232, RS-422 or RS-485) with those on Modbus TCP networks,
allowing seamless integration. Serial ports can be accessed over a LAN
or WAN using Direct IP Mode connections. Supporting up to 16 masters
and 32 slaves, these gateways feature autodetecting10/100 copper and
fiber optic options. Easy-to-use software is designed for Windows 2000,
2003 Server, XP, Vista, 2008 Server and Windows 7. Serial data rates up
to 230 kbps ensure maximum network flexibility.
MESR9xx gateways are built for use in industrial environments, featuring
a slim IP30 DIN rail mountable case. They operate from a range of DC
power supply voltages and have pluggable terminal block connectors. An
external power supply, sold separately, is required. The MESR92x units
have an additional Ethernet port which functions much like an Ethernet
Switch, allowing pass-through connectivity for other Ethernet devices.
This port can also be used to “daisy chain” multiple gateways. MESR90x
units have one Ethernet port. B&B Electronics’ Vlinx™ is your number
one choice for Ethernet to Serial conversion.
ACCESSORIES
MDR-20-24 - DIN rail mount power supply 24VDC, 1.0 A output power
MDR-40-24 - DIN rail mount power supply 24VDC, 1.7 A output power
DRPM25 - 35mm DIN Rail to Panel Mount Bracket, 25mm wide
ERS35 - DIN Rail 1 Meter 35mm Steel
ORDERING INFORMATION
MODEL NUMBER SERIAL
PORTS
SERIAL
CONNECTOR
ETHERNET
PORT
ETHERNET
CONNECTOR
MESR901 †
1
DB9 or Terminal
Block
(1) Copper
RJ45
MESR902T
2
Terminal Block
(1) Copper
RJ45
MESR921
1
DB9 or Terminal
Block
(2) Copper
(2) RJ45
MESR922T
2
Terminal Block
(2) Copper
(2) RJ45
* Fiber options available.
† NEMA TS2
Teaming Data Systems for
Portable Power
Industry: Power & Energy
Product: Modbus Gateways
Transwestern Pipeline
Maximizes Gas
Chromatography Investment
Industry: Petroleum, Oil & Gas
Product: Modbus Gateways
IN THE FIELD
IN THE FIELD
MESR900 - Copper Models_1416ds


Similar Part No. - MESR921

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MESR900 ADVANTECH-MESR900 Datasheet
447Kb / 2P
Industrial Modbus Ethernet to Serial Gateways
More results

Similar Description - MESR921

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ESERV-M12T REDLION-ESERV-M12T Datasheet
1Mb / 4P
Modbus Gateways Server
logo
Moxa Inc.
5103 MOXA-5103 Datasheet
734Kb / 6P
1-port Modbus RTU/ASCII/TCP/EtherNet/IP-to-PROFINET gateways
5111 MOXA-5111 Datasheet
728Kb / 6P
1-port Modbus/PROFINET/EtherNet/IP to PROFIBUS slave gateways
5118 MOXA-5118 Datasheet
817Kb / 6P
1-port CAN-J1939 to Modbus/PROFINET/EtherNet/IP gateways
G3150A-LTE MOXA-G3150A-LTE Datasheet
587Kb / 5P
Rugged LTE serial/Ethernet-to-cellular gateways
MB3170 MOXA-MB3170 Datasheet
1Mb / 6P
1 and 2-port advanced serial-to-Ethernet Modbus gateways
MB3180 MOXA-MB3180 Datasheet
1Mb / 5P
1, 2, and 4-port standard serial-to-Ethernet Modbus gateways
logo
Advantech Co., Ltd.
BB-MESR901 ADVANTECH-BB-MESR901 Datasheet
534Kb / 2P
Industrial Modbus Ethernet to Serial Gateways - copper
BB-MESR921-MT ADVANTECH-BB-MESR921-MT Datasheet
368Kb / 2P
Industrial Modbus Ethernet to Serial Gateway
MESR900 ADVANTECH-MESR900 Datasheet
447Kb / 2P
Industrial Modbus Ethernet to Serial Gateways
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com