Electronic Components Datasheet Search
  English  ▼

X  

CP10-M Datasheet(PDF) 2 Page - CUI INC

Part # CP10-M
Description  PELTIER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP10-M Datasheet(HTML) 2 Page - CUI INC

  CP10-M Datasheet HTML 1Page - CUI INC CP10-M Datasheet HTML 2Page - CUI INC CP10-M Datasheet HTML 3Page - CUI INC CP10-M Datasheet HTML 4Page - CUI INC CP10-M Datasheet HTML 5Page - CUI INC CP10-M Datasheet HTML 6Page - CUI INC CP10-M Datasheet HTML 7Page - CUI INC CP10-M Datasheet HTML 8Page - CUI INC CP10-M Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
date 07/08/2020
│ page 2 of 9
CUI Devices
│ SERIES: CP10-M │ DESCRIPTION: PELTIER MODULE
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
0.8
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
Ø0.25-0.3 mm
annealed copper
tin
sealer
no sealing
ceramic surface
Au plating on select models
MODEL NO.
HOT SIDE
LENGTH
(mm)
COLD SIDE
LENGTH
(mm)
HOT SIDE
WIDTH
(mm)
COLD SIDE
WIDTH
(mm)
THICKNESS
(mm)
GOLD
PLATING HOT/
COLD SIDES
CP1062-268
6.2 ±0.3
6.2 ±0.3
6.2 ±0.3
4.2 ±0.3
2.68 ±0.15
NO
CP1062-268P
6.2 ±0.3
6.2 ±0.3
6.2 ±0.3
4.2 ±0.3
2.90 ±0.15
YES
CP106283-268
6.2 ±0.3
6.2 ±0.3
8.3 ±0.3
6.2 ±0.3
2.68 ±0.15
NO
CP106283-29P
6.2 ±0.3
6.2 ±0.3
8.3 ±0.3
6.2 ±0.3
2.90 ±0.15
YES
CP10726-268
7.2 ±0.3
6.2 ±0.3
6.0 ±0.3
6.0 ±0.3
2.68 ±0.15
NO
CP10726-29P
7.2 ±0.3
6.2 ±0.3
6.0 ±0.3
6.0 ±0.3
2.90 ±0.15
YES
COLD SIDE
HOT SIDE
THICKNESS
LENGTH
COLD SIDE WIDTH
HOT SIDE WIDTH
50.0±5.0
COLD SIDE
(-)
(+)
COLD SIDE
(-)
(+)
WIDTH
HOT SIDE LENGTH
COLD SIDE LENGTH
50.0±5.0
Models: CP1062-268, CP1062-268P,
CP106283-268, CP106283-29P
Models: CP10726-268, CP10726-29P
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com