Electronic Components Datasheet Search
  English  ▼

X  

CP20147H Datasheet(PDF) 2 Page - CUI INC

Part # CP20147H
Description  PELTIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP20147H Datasheet(HTML) 2 Page - CUI INC

  CP20147H Datasheet HTML 1Page - CUI INC CP20147H Datasheet HTML 2Page - CUI INC CP20147H Datasheet HTML 3Page - CUI INC CP20147H Datasheet HTML 4Page - CUI INC CP20147H Datasheet HTML 5Page - CUI INC CP20147H Datasheet HTML 6Page - CUI INC CP20147H Datasheet HTML 7Page - CUI INC CP20147H Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
date 11/09/2020
│ page 2 of 8
CUI Devices
│ SERIES: CP20H │ DESCRIPTION: PELTIER MODULE
cuidevices.com
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
10.0 3.0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
22 AWG
tin
sealer
silicon rubber 703 RTV (between cold
and hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP20147H
15 ±0.3
15 ±0.3
4.7 ±0.025
CP2020405H
20 ±0.3
20 ±0.3
4.05 ±0.10
CP20247H
20 ±0.3
20 ±0.3
4.7 ±0.025
CP20301547H
30 ±0.3
15 ±0.3
4.7 ±0.025
CP203475H
30 ±0.3
30 ±0.3
4.75 ±0.025
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com