Electronic Components Datasheet Search
  English  ▼

X  

CP60H Datasheet(PDF) 2 Page - CUI INC

Part # CP60H
Description  PELTIER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP60H Datasheet(HTML) 2 Page - CUI INC

  CP60H Datasheet HTML 1Page - CUI INC CP60H Datasheet HTML 2Page - CUI INC CP60H Datasheet HTML 3Page - CUI INC CP60H Datasheet HTML 4Page - CUI INC CP60H Datasheet HTML 5Page - CUI INC CP60H Datasheet HTML 6Page - CUI INC CP60H Datasheet HTML 7Page - CUI INC CP60H Datasheet HTML 8Page - CUI INC CP60H Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
date 11/12/2020
│ page 2 of 22
CUI Devices
│ SERIES: CP60H │ DESCRIPTION: PELTIER MODULE
cuidevices.com
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
10.0 3.0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP60131H
15 ±0.3
15 ±0.3
3.1 ±0.025
CP60139H
15 ±0.3
15 ±0.3
3.9 ±0.025
CP60231H
20 ±0.3
20 ±0.3
3.1 ±0.025
CP60239H
20 ±0.3
20 ±0.3
3.9 ±0.025
CP602040395H
20 ±0.3
40 ±0.3
3.95 ±0.025
CP60301233H
30 ±0.1
12 ±0.1
3.3 ±0.1
CP60301531H
30 ±0.3
15 ±0.3
3.1 ±0.025
CP60302031H
30 ±0.3
20 ±0.3
3.1 ±0.1
CP603315H
30 ±0.3
30 ±0.3
3.15 ±0.025
CP6030395
30 ±0.3
30 ±0.3
3.95 ±0.025
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
(CP60131H,
CP60231H,
CP60302031H
CP60301233H,
CP60301531H,
CP603315H)
22 AWG
tin
wire leads (all
other models)
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold
and hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP603395H
30 ±0.3
30 ±0.3
3.95 ±0.025
CP604020395H
40 ±0.3
20 ±0.3
3.95 ±0.025
CP60433H
40 ±0.3
40 ±0.3
3.3 ±0.03
CP604395H
40 ±0.3
40 ±0.3
3.95 ±0.025
CP604040
40 ±0.3
40 ±0.3
4.0 ±0.1
CP60546241
62.5 ±0.3
54 ±0.3
4.1 ±0.1
CP6055354
55 ±0.3
55 ±0.3
4.1 ±0.1
CP60555542
55 ±0.3
55 ±0.3
4.2 ±0.1
CP604060395
40 ±0.3
60 ±0.3
3.95 ±0.025
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com