Electronic Components Datasheet Search
  English  ▼

X  

P60C145 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P60C145
Description  SmartMX2 Family P60C145y
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60C145 Datasheet(HTML) 2 Page - NXP Semiconductors

  P60C145 Datasheet HTML 1Page - NXP Semiconductors P60C145 Datasheet HTML 2Page - NXP Semiconductors P60C145 Datasheet HTML 3Page - NXP Semiconductors P60C145 Datasheet HTML 4Page - NXP Semiconductors P60C145 Datasheet HTML 5Page - NXP Semiconductors P60C145 Datasheet HTML 6Page - NXP Semiconductors P60C145 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NXP Semiconductors
P60C145_SDS
SmartMX2 Family P60C145y
P60C145_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Public product data sheet
Rev. 3.0 — 27 September 2016
COMPANY PUBLIC
2 / 7
– Supporting integral concept for secure code fetch and execution
• Copy Machine offering data transfer between all Special Function Registers and all
Memory instances without CPU interaction
• Watchdog Timer supporting secure code execution, Time Stamp Counter, Real Time
Clock
• Continuous operation from 1.62 V up to 5.5 V
• Operating ambient temperature from -25 °C to +85 °C
2.3 Security features
• Outstanding Glue Logic chip layout based on the IntegralSecurity™ architecture
concept:
– Most efficient and proven protection against reverse engineering
– Impossible to recognize logical blocks by means of optical inspection
• Advanced security sensors on clock, temperature, supply voltage, light, and single fault
injection
• Active and dynamic shielding
• Advanced memory security (encryption and physical measures) for RAM, EEPROM
and ROM
• OS controlled access restriction mechanism to peripherals in user mode
• Programmable card disable feature
• Physically Unclonable Function hardware support to secure keys against new attack
scenarios
• Metal layer design for highest attack resilience
• No general standard core or re-used hard macro applied
• No use of ROM-based micro code
• Certificates and approvals; Common Criteria up to EAL6+, EMVCo



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com