Electronic Components Datasheet Search
  English  ▼

X  

LN28WAL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN28WAL
Description  Ultra Bright GaAIAs Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN28WAL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN28WAL Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
241
LN28RAL(US)
LN28RCAL(US)
LN28WAL(US)
LN28CAL(US)
Unit
Red
Red
Red
Red
−
Red Diffused
Red Clear
White Diffused
Clear
−
25
10
20
1.8
2.6
665
20
20
100
3
85
−
20
1.8
2.6
665
20
20
100
3
50
−
20
1.8
2.6
665
20
20
100
3
85
30
20
1.8
2.6
665
20
20
100
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
丸形 Round Type
φ 3.0 mm Series
s 絶対最大定格 Absolute Maximum Ratings (Ta = 25°C)
Red
PD(mW)
70
IF(mA)
30
IFP(mA)∗
150
VR(V)
3
Topr(°C)
−25 ∼ +85
Tstg(°C)
−30 ∼ +100
s 電気的光学的特性 Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN28RAL(US) ·········· LNG28URBA ··········· Red
LN28RCAL(US) ······· LNG28ULBA ··········· Red
LN28WAL(US) ········· LNG28UWBA ·········· Red
LN28CAL(US) ·········· LNG28UCBA ··········· Red
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Ultra Bright GaAIAs Lamps
超高輝度 GaAIAs
φ 3.8 ± 0.2
0.5
± 0.1
2
− 0.8 Max
φ 3.0 ± 0.2
2
1
2.54
2
− 0.5 ± 0.1
IO Ta
500
300
30
50
100
10
周囲温度 T
a (˚C )
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
順方向電流 I
F
(mA)
指向特性
Directive Characteristics
周囲温度 T
a (°C )
相対発光強度
波長特性
波 長
λ
P (nm)
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
20
10
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
IF Ta
順方向電圧 V
F (V)
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Forward Current
Forward Voltage
Ambient Temperature
3
1
5
10
50
100
30
100
50
30
5
3
10
1
IO IF
LN28RCAL(US)
LN28CAL(US)
LN28RCAL(US)
LN28CAL(US)
LN28RAL(US)
LN28WAL(US)
LN28RAL(US)
LN28WAL(US)
0
20406080
100
20
40
60
80
100
相対発光強度 (%)
Relative Luminous Intensity


Similar Part No. - LN28WAL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN28WPP PANASONIC-LN28WPP Datasheet
42Kb / 2P
Round Type 3.0 mm Series
More results

Similar Description - LN28WAL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN01201CAL PANASONIC-LN01201CAL Datasheet
28Kb / 1P
Ultra Bright GaAIAs Lamps
LN21RAL PANASONIC-LN21RAL Datasheet
30Kb / 1P
Ultra Bright GaAIAs Lamps
LN251CAL PANASONIC-LN251CAL Datasheet
29Kb / 1P
Ultra Bright GaAIAs Lamps
LN277WALX PANASONIC-LN277WALX Datasheet
30Kb / 1P
Ultra Bright GaAIAs Lamps
LN289CUQ PANASONIC-LN289CUQ Datasheet
28Kb / 1P
Ultra Bright GaAIAs Lamps
logo
Purdy Electronics Corpo...
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com