Electronic Components Datasheet Search
  English  ▼

X  

RO2043 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2043
Description  Designed for 303.875 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2043 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2043 Datasheet HTML 1Page - RF Monolithics, Inc RO2043 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2043-012306
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Nominal Frequency
fC
2, 3, 4, 5
303.775
303.975
MHz
Tolerance from 303.875 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
4.8
7.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
11300
50
Ω Loaded Q
QL
4600
Temperature Stability
Turnover Temperature
TO
6, 7, 8
37
52
67
°C
Turnover Frequency
fO
fC+8.2
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
74
124
Ω
Motional Inductance
LM
437.961
µH
Motional Capacitance
CM
.626346
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
1.5
1.8
2.1
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
1.5
pF
Test Fixture Shunt Inductance
LTEST
2, 7
150
nH
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RO2043
TO39-3 Case
•
Designed for 303.875 MHz SAW Resonator
•
Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RO2043 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode quartz frequency stabilization of fixed-frequency transmitters operating at
303.825 MHz. The RO2043-1 is designed specitically for low-power AM transmitters on remote-control and
wireless alarm applications operating in the USA under FCC Part15, in Japan, in Australia, in Korea, and
elsewhere.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
+5
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
303.875 MHz
SAW
Resonator
RO2043
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing signifi-
cantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt induc-
tance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOSCILLA-
TOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between pin1 and pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with ground connected to either pin 1 or pin 2 and to the case), add
approximately 0.25 pF to CO.
Pb


Similar Part No. - RO2043

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO2043 MURATA-RO2043 Datasheet
146Kb / 2P
303.875 MHz SAW Resonator
More results

Similar Description - RO2043

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF303M87 VANLONG-SF303M87 Datasheet
102Kb / 2P
303.875 MHz SAW Filter
SR5404 VANLONG-SR5404 Datasheet
92Kb / 2P
303.875 MHz One Port SAW Resonator
SR5406 VANLONG-SR5406 Datasheet
82Kb / 2P
303.875 MHz One Port SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0141A TAI-SAW-TC0141A Datasheet
308Kb / 4P
SAW Resonator 303.875 MHz SMD 5X5 mm
logo
Murata Manufacturing Co...
RO2043 MURATA-RO2043 Datasheet
146Kb / 2P
303.875 MHz SAW Resonator
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com