Electronic Components Datasheet Search
  English  ▼

X  

AMC23C12 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C12
Description  AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C12 Datasheet(HTML) 1 Page - Texas Instruments

  AMC23C12 Datasheet HTML 1Page - Texas Instruments AMC23C12 Datasheet HTML 2Page - Texas Instruments AMC23C12 Datasheet HTML 3Page - Texas Instruments AMC23C12 Datasheet HTML 4Page - Texas Instruments AMC23C12 Datasheet HTML 5Page - Texas Instruments AMC23C12 Datasheet HTML 6Page - Texas Instruments AMC23C12 Datasheet HTML 7Page - Texas Instruments AMC23C12 Datasheet HTML 8Page - Texas Instruments AMC23C12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AMC23C12 Fast Response, Reinforced Isolated Window Comparator
With Adjustable Threshold and Latch Function
1 Features
• Wide high-side supply range: 3 V to 27 V
• Low-side supply range: 2.7 V to 5.5 V
• Adjustable threshold:
– Window-comparator mode: ±20 mV to ±300 mV
– Positive-comparator mode: 600 mV to 2.7 V
• Reference for threshold adjustment: 100 μA, ±2%
• Trip threshold error: ±1% (max) at 250 mV
• Propagation delay: 290 ns (typ)
• High CMTI: 55 kV/μs (min)
• Open-drain output with optional latch mode
• Safety-related certifications:
– 7000-VPK reinforced isolation per DIN VDE V
0884-11
– 5000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Overcurrent or overvoltage detection in:
– Motor drives
– Frequency inverters
– Solar inverters
– DC/DC converters
3 Description
The AMC23C12 is an isolated window comparator
with a short response time. The open-drain
output is separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide
reinforced galvanic isolation of up to 5 kVRMS
according to VDE V 0884-11 and UL1577, and
supports a working voltage of up to 1 kVPK.
The comparison window is centered around 0 V,
meaning that the comparator trips if the absolute
value of the input voltage exceeds the trip threshold
value. The trip threshold is adjustable from 20 mV
to 300 mV through a single external resistor and,
therefore, the comparison window ranges from
±20 mV to ±300 mV. When the voltage on the REF
pin is greater than 550 mV, the negative comparator
is disabled and only the positive comparator is
functional. The reference voltage in this mode can be
as high as 2.7 V. This mode is particularly useful for
monitoring voltage supplies.
The open-drain output on the device supports
transparent mode (LATCH input tied to GND2) where
the output follows the input state, or latch mode,
where the output is cleared on the falling edge of the
latch input signal.
The AMC23C12 is available in a 8-pin, wide-body
SOIC package and is specified over the extended
industrial temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC23C12
SOIC (8)
5.85 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Low-side supply
(2.7..5.5 V)
AMC23C12
GND1
IN
REF
VDD1
I
High-side supply
(3..27 V)
LDO
GND2
OUT
LATCH
VDD2
from MCU
to MCU
100 A
–
+
Typical Application
AMC23C12
SBASAB2 – FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - AMC23C12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
More results

Similar Description - AMC23C12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C14 TI-AMC23C14 Datasheet
1Mb / 31P
AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
FEBRUARY 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 43P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C11 TI-AMC23C11_V01 Datasheet
1Mb / 41P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12_V01 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC22C12 TI-AMC22C12_V01 Datasheet
2Mb / 46P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C15 TI-AMC23C15 Datasheet
1Mb / 42P
AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
AMC21C12 TI-AMC21C12 Datasheet
1Mb / 34P
AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com