Electronic Components Datasheet Search
  English  ▼

X  

REF35160 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF35160
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35160 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF35160 Datasheet HTML 9Page - Texas Instruments REF35160 Datasheet HTML 10Page - Texas Instruments REF35160 Datasheet HTML 11Page - Texas Instruments REF35160 Datasheet HTML 12Page - Texas Instruments REF35160 Datasheet HTML 13Page - Texas Instruments REF35160 Datasheet HTML 14Page - Texas Instruments REF35160 Datasheet HTML 15Page - Texas Instruments REF35160 Datasheet HTML 16Page - Texas Instruments REF35160 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Figure 8-9. 0.1-Hz to 10-Hz Noise Distribution (NR =
Open)
Figure 8-10. 0.1-Hz to 10-Hz Noise Distribution (NR
= 10 μF)
8.5.2 Broadband Noise
Broadband noise is a noise that appears at higher frequency compared to 1/f noise. The broadband noise is
measured by high-pass filtering the output of the reference device, followed by a gain stage and measuring the
result on a spectrum analyzer as shown in Figure 8-11
Figure 8-11. Broadband Noise Test Setup
For noise sensitive designs, a low-pass filter can be used to reduce broadband noise output noise levels by
removing the high frequency components. When designing a low-pass filter special care must be taken to
ensure the output impedance of the filter does not degrade ac performance. This can occur in RC low-pass
filters where a large series resistance can impact the load transients due to output current fluctuations. The
REF35 device also offers noise reduction functionality by adding an option capacitor between NR (pin 5) and
ground pins. Figure 8-12 shows the noise spectrum for REF35 device when NR pin is open. Figure 8-13 shows
the noise spectrum for REF35 device when 10 μF capacitor is connected between NR pin and GND.
Figure 8-12. Noise Spectrum 10 Hz to 100 kHz (NR
= Open)
Figure 8-13. Noise Spectrum 10 Hz to 100 kHz (NR
= 10 μF)
www.ti.com
REF35
SNAS809 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com