Electronic Components Datasheet Search
  English  ▼

X  

RXC101 Datasheet(PDF) 21 Page - RF Monolithics, Inc

Part # RXC101
Description  Multi-channel High data rate Programmable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RXC101 Datasheet(HTML) 21 Page - RF Monolithics, Inc

Back Button RXC101 Datasheet HTML 17Page - RF Monolithics, Inc RXC101 Datasheet HTML 18Page - RF Monolithics, Inc RXC101 Datasheet HTML 19Page - RF Monolithics, Inc RXC101 Datasheet HTML 20Page - RF Monolithics, Inc RXC101 Datasheet HTML 21Page - RF Monolithics, Inc RXC101 Datasheet HTML 22Page - RF Monolithics, Inc RXC101 Datasheet HTML 23Page - RF Monolithics, Inc RXC101 Datasheet HTML 24Page - RF Monolithics, Inc RXC101 Datasheet HTML 25Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
FIFO Configuration Register [POR=CE89h]
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
0
0
1
1
1
0
FINT3
FINT2
FINT1
FINT0
FIFST1
FIFST0
FILLEN
FIFEN
The Data FIFO Configuration Register configures:
•
FIFO fill interrupt condition
•
FIFO fill start condition
•
FIFO fill on synchronous pattern
•
FIFO Enable
Bit [15..8] - Command Code: These bits are the command code that is sent serially to the processor that
identifies the bits to be written to the Data FIFO Configuration Register.
Bit [7..4] – FIFO Fill Bit Count: This sets the number of bits that are received before generating an
external interrupt to the host processor that the receive FIFO data is ready to be read out. It is
possible to set the maximum fill level to 15 (16-bits), but the designer must account for the
processing time it will take to read out the data before a register overrun occurs, at which data
will be lost. It is recommended to set the fill value to half of the desired number of bits to be read
to ensure enough time for additional processing. See Status Register for description of FIFO
status bits that may be read and FIFO Read Register for polling and interrupt-driven FIFO reads
from the SPI bus.
Bit [3..2] – FIFO Fill Start Condition: These bits set the condition at which the FIFO begins filling with
data. Table 10 describes the start conditions. See Valid Data configuration in Receiver Control
Register
.
Table 10.
Bit [1] – Synchronous Pattern FIFO Fill Enable: When set, the FIFO will begin filling with data when it
detects the FIFO Fill Start Condition as defined in bits[3..2] above. The FIFO fill stops and the
FIFO is reset when this bit is cleared. To restart simply clear the bit and set again.
Bit [0] – FIFO Enable: This bit enables the internal data FIFO when set. The FIFO is used to store data
during receive. If the FIFO is enabled by setting this bit, pin 6 becomes nFSEL and pin 7 becomes
FINT. See Data Buffer Setup Register section for details on the FIFO configuration.
Fill Start Condition
FIFST1 FIFST0
Valid Data
0
0
Synch Word
0
1
Valid Data and Sync Word
1
0
Continuous Fill
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com