Electronic Components Datasheet Search
  English  ▼

X  

ZB5AP2 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB5AP2
Description  Harmony XB5, Push button head, plastic, projecting, black, 횠22, spring return, booted, unmarked
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AP2 Datasheet(HTML) 2 Page - Schneider Electric

  ZB5AP2 Datasheet HTML 1Page - Schneider Electric ZB5AP2 Datasheet HTML 2Page - Schneider Electric ZB5AP2 Datasheet HTML 3Page - Schneider Electric ZB5AP2 Datasheet HTML 4Page - Schneider Electric ZB5AP2 Datasheet HTML 5Page - Schneider Electric ZB5AP2 Datasheet HTML 6Page - Schneider Electric ZB5AP2 Datasheet HTML 7Page - Schneider Electric ZB5AP2 Datasheet HTML 8Page - Schneider Electric ZB5AP2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class II IEC 60536
IP degree of protection
IP66 IEC 60529
IP67 IEC 60529
IP69 IEC 60529
IP69K ISO 20653
NEMA degree of protection
NEMA 13
NEMA 4X
Resistance to high pressure
washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
IK degree of protection
IK03 IEC 50102
Standards
EN/IEC 60947-5-4
CSA C22.2 No 14
JIS C8201-5-1
EN/IEC 60947-5-1
EN/IEC 60947-1
UL 508
JIS C8201-1
Product certifications
UL Listed
LROS (Lloyds register of shipping)
BV
GL
DNV
CSA
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Ordering and shipping details
Category
22467-PUSHBUTTONS,22MM(PLASTIC) NEW
Discount Schedule
CS2
GTIN
3389110906646
Nbr. of units in pkg.
1
Package weight(Lbs)
0.74 oz (21 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.77 in (4.5 cm)
Package 1 width
1.34 in (3.4 cm)
Package 1 Length
2.13 in (5.4 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
5
Package 2 Weight
3.70 oz (105 g)
Package 2 Height
1.34 in (3.4 cm)
Package 2 width
1.77 in (4.5 cm)
Package 2 Length
10.43 in (26.5 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
300
2
Mar 7, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com