Electronic Components Datasheet Search
  English  ▼

X  

CP90H Datasheet(PDF) 5 Page - CUI INC

Part # CP90H
Description  PELTIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP90H Datasheet(HTML) 5 Page - CUI INC

  CP90H Datasheet HTML 1Page - CUI INC CP90H Datasheet HTML 2Page - CUI INC CP90H Datasheet HTML 3Page - CUI INC CP90H Datasheet HTML 4Page - CUI INC CP90H Datasheet HTML 5Page - CUI INC CP90H Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
date 11/12/2020
│ page 5 of 6
CUI Devices
│ SERIES: CP90H │ DESCRIPTION: PELTIER MODULE
cuidevices.com
60
50
40
30
20
10
0
0
70
0
1.8 A
3.6 A
5.4 A
9 A
7.2 A
1.8 A
3.6 A
5.4 A
7.2 A
9 A
T=Th-Tc (°C)
80
16
8
60
12
40
20
5
CP90626257 PERFORMANCE (Th=27°C)
60
50
40
30
20
10
0
0
70
0
1.8 A
3.6 A
5.4 A
9 A
7.2 A
1.8 A
3.6 A
5.4 A
7.2 A
9 A
T=Th-Tc (°C)
80
16
8
60
12
40
20
4
CP90626257 PERFORMANCE (Th=50°C)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com