Electronic Components Datasheet Search
  English  ▼

X  

ISO166 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO166
Description  Precision, Isolated OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO166 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISO166 Datasheet HTML 1Page - Burr-Brown (TI) ISO166 Datasheet HTML 2Page - Burr-Brown (TI) ISO166 Datasheet HTML 3Page - Burr-Brown (TI) ISO166 Datasheet HTML 4Page - Burr-Brown (TI) ISO166 Datasheet HTML 5Page - Burr-Brown (TI) ISO166 Datasheet HTML 6Page - Burr-Brown (TI) ISO166 Datasheet HTML 7Page - Burr-Brown (TI) ISO166 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
®
ISO166/ISO176
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................................................
±18V
Op Amp Analog Input Voltage Range .................................................
±V
S1
External Oscillator Input .....................................................................
±25V
Signal Common 1 to Ground 1 ............................................................
±1V
Signal Common 2 to Ground 2 ............................................................
±1V
Continuous Isolation Voltage: .................................................... 1500Vrms
IMV, dv/dt ...................................................................................... 20kV/
µs
Junction Temperature ...................................................................... 150
°C
Storage Temperature ...................................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Output Short Duration .......................................... Continuous to Common
MOD Input Voltage Range ...............................................................
±100V
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
ISO166P
24-Pin Plastic DIP
243-2
ISO176P
24-Pin Plastic DIP
243-2
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ORDERING INFORMATION
PRODUCT
PACKAGE
BANDWIDTH
ISO166P
24-Pin Plastic DIP
6kHz
ISO176P
24-Pin Plastic DIP
60kHz
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ELECTROSTATIC
DISCHARGE SENSITIVITY
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS1 = VS2 = ±15V, and RL = 2kΩ, unless otherwise noted.
1
Frequency (Hz)
0
60
40
20
PSRR vs FREQUENCY
100
10k
1M
10
1k
100k
–V
S1, –VS2
+V
S1, +VS2
54
–V
S1
+V
S1
Shield 1
Ext OSC
MOD
GND 1
Com 2
OUT
GND 2
+V
S2
Shield 2
–V
S2
V
OUT
Com 1
V
IN+
1
2
3
4
5
24
23
22
21
20
10
11
12
15
14
13
V
IN–
100
Frequency (Hz)
10
1k
100
ISOLATION MODE VOLTAGE vs FREQUENCY
10k
1M
100M
1k
100k
10M
2.1k
Max AC
Rating
Degraded
Performance
Max DC Rating
Typical
Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com