Electronic Components Datasheet Search
  English  ▼

X  

MAXQ1065 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ1065
Description  Ultra Low-Power Cryptographic Controller with ChipDNATM for Embedded Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ1065 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ1065 Datasheet HTML 1Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 2Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 3Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 4Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 5Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 6Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 7Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 8Page - Maxim Integrated Products MAXQ1065 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (continued)
(Limits are 100% tested at TA = +25°C and TA = +105°C. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to the minimum operating temperature are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Low Voltage for
All Outputs
VOL_IO
ISINK = 2mA
0.2
0.4
V
Output High Voltage for
All Outputs
VOH_IO
ISOURCE = 2mA
VDD -
0.4
V
Input Pullup Resistor for
All Inputs in Pullup
Mode
RPU
22
kΩ
Input Pulldown Resistor
for All Inputs in Pulldown
Mode
RPD
22
kΩ
NONVOLATILE MEMORY
Flash Erase Time
tP_ERASE
Page erase
10
ms
Flash Programming
Time per Word
tPROG
8
μs
Flash Endurance
NEND
10
kcycles
Data Retention
tRET
TA = +125°C
10
years
FUNCTIONAL TIMING
Operation Time
tOP
1
ms
Wake-Up Time
tWAKEUP
120
ms
DIGITAL I/O: GENERAL
Output Voltage High
(SPIS_MISO)
VOH
ISOURCE = 2mA
VDD -
0.4
V
Output Voltage Low
(SPIS_MISO)
VOL
ISINK = 2mA
0.4
V
Input Voltage High
(SPIS_SCK, SPIS_SS,
SPIS_MOSI)
VIH
0.7 x
VDD
V
Input Voltage Low
(SPIS_SCK, SPIS_SS,
SPIS_MOSI)
VIL
0.3 x
VDD
V
Input Leakage Current
Low
IIL
VDD = 3.63V, VIN = 0V
-500
+500
nA
Input Leakage Current
High
IIH
VDD = 3.63V, VIN = 3.63V
-500
+500
nA
SPI SLAVE
Operating Frequency
fSCK
10
MHz
Clock Period
tSCK
1/fSCK
μs
Clock Input High Time
tSCH
(Note 3)
tSCK/2
μs
Clock Input Low Time
tSCL
(Note 3)
tSCK/2
μs
SS Active Setup Time
tSSE
10
ns
Data Input Setup Time
tSIS
5
ns
MAXQ1065
Ultra Low-Power Cryptographic Controller with
ChipDNATM for Embedded Devices
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com