Electronic Components Datasheet Search
  English  ▼

X  

ADMV9621 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV9621
Description  60 GHz Millimeterwave Short Data Link
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV9621 Datasheet(HTML) 1 Page - Analog Devices

  ADMV9621 Datasheet HTML 1Page - Analog Devices ADMV9621 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADMV9621
60 GHz Millimeterwave Short Data Link
Rev. Sp0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated omnidirectional circularly polarized antenna
►
Integrated high band and low band diplexer for improved multi-
path distortion
►
Full duplex operation
►
Simple AM scheme
►
Data rate: 100 Mbps
►
Ultralow latency
►
Short link communication distance: 1 cm to 5 cm (typical)
►
Receiver frequency: 63 GHz
►
Transmiter frequency: 58.0125 GHz
►
Transmitter gain: −3 dB to +32 dB
►
Integrated transmitter PA power detector
►
Receiver gain: −10 dB to +69 dB
►
RF, IF, and BB gain control
►
Integrated receiver and transmitter frequency synthesizers
►
Integrated reference clock
►
On-chip temperature sensors
►
DC-coupled baseband input and output
►
3-wire serial digital interface
►
34.70 mm × 29.89, 52-terminal printed circuit assembly (PCA)
APPLICATIONS
►
60 GHz short data link for industrial and medical high data rate
applications
►
High speed data for rotating applications, such as slip rings and
magnetic resonance imaging systems
GENERAL DESCRIPTION
The ADMV9621 is a complete millimeterwave (mmWave) wireless
connectivity solution in a small printed circuit assembly (PCA)
format. All millimeterwave signals are confined to the printed cir-
cuit assembly, simplifying implementation. Wireless transmission
is achieved using the integrated circularly polarized (CP) omnidirec-
tional patch antenna array, which enables communication in many
applications, including rotation. Following the antenna array is an
integrated diplexer that provides isolation between the separate
transmit and receive paths on the board, which reduces multipath
distortion. The receive path integrates all components to demodu-
late the 63.0 GHz frequency to baseband signals. The flexible
receiver gain control is programmable over a wide range to easily
accommodate the required link budget. The receiver baseband
outputs are dc-coupled and can provide over 500 mV of differential
output signal level. Likewise, the transmit path integrates all compo-
nents to modulate input baseband signals to 58.0125 GHz. The
transmitter has programmable gain control to maintain level trans-
mit power. The transmit baseband inputs are dc-coupled and have
a broad common-mode input range. Synthesizers are integrated to
maintain excellent frequency stability vs. temperature. The simple
amplitude modulation (AM) scheme eliminates the need for external
data converters, allowing for bit rates of greater than 100 Mbps.
On-board power management is integrated to a single 5 V voltage
rail to power the ADMV9621.
Together with the ADMV9611, the ADMV9621 provides a complete
full duplexed 60 GHz data link for high speed data transmission
in the unlicensed 60 GHz industrial, scientific, and medical (ISM)
band.
For more information about the ADMV9621, contact Analog Devices, Inc., at VBand@analog.com
.


Similar Part No. - ADMV9621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV9623 AD-ADMV9623 Datasheet
86Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
More results

Similar Description - ADMV9621

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
VAN Data Link Controller
logo
Adam Technologies, Inc.
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
Motorola, Inc
MC6854 MOTOROLA-MC6854 Datasheet
2Mb / 22P
ADVANCED DATA-LINK CONTROLLER
logo
Analog Devices
ADMV9611 AD-ADMV9611 Datasheet
100Kb / 2P
60 GHz Millimeterwave Short Data Link
ADMV9613 AD-ADMV9613 Datasheet
87Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
ADMV9623 AD-ADMV9623 Datasheet
86Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com