Electronic Components Datasheet Search
  English  ▼

X  

ADP166 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP166
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP166 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP166 Datasheet HTML 6Page - Analog Devices ADP166 Datasheet HTML 7Page - Analog Devices ADP166 Datasheet HTML 8Page - Analog Devices ADP166 Datasheet HTML 9Page - Analog Devices ADP166 Datasheet HTML 10Page - Analog Devices ADP166 Datasheet HTML 11Page - Analog Devices ADP166 Datasheet HTML 12Page - Analog Devices ADP166 Datasheet HTML 13Page - Analog Devices ADP166 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADP165/ADP166
Data Sheet
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–50
–25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
VIN = 2.9V
VIN = 3.2V
VIN = 3.8V
VIN = 4.1V
VIN = 4.7V
VIN = 5.5V
Figure 15. Shutdown Current vs. Ambient Temperature at Various Input
Voltages
0.27
0.24
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0
0.001
1
0.1
0.01
ILOAD (A)
VOUT = 2.0V
VOUT = 3.3V
Figure 16. Dropout Voltage vs. Load Current (ILOAD)
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.00
2.95
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
VIN (V)
1µA
1mA
10mA
50mA
100mA
150mA
Figure 17. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout
140
0
20
40
60
80
100
120
3.1
3.2
3.3
3.4
3.5
3.6
VIN (V)
1mA
5mA
10mA
50mA
100mA
150mA
Figure 18. Ground Current vs. Input Voltage (VIN) in Dropout
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 150mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 19. Power Supply Rejection Ratio (PSRR) vs. Frequency, Various Load
Currents, VOUT = 1.2 V, VIN = 2.2 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 150mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 20. PSRR vs. Frequency, Various Load Currents , VOUT = 2.5 V, VIN = 3.5 V
Rev. A | Page 10 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com