Electronic Components Datasheet Search
  English  ▼

X  

REF10RM Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF10RM
Description  Precision VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF10RM Datasheet(HTML) 6 Page - Burr-Brown (TI)

  REF10RM Datasheet HTML 1Page - Burr-Brown (TI) REF10RM Datasheet HTML 2Page - Burr-Brown (TI) REF10RM Datasheet HTML 3Page - Burr-Brown (TI) REF10RM Datasheet HTML 4Page - Burr-Brown (TI) REF10RM Datasheet HTML 5Page - Burr-Brown (TI) REF10RM Datasheet HTML 6Page - Burr-Brown (TI) REF10RM Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
®
REF10
6
affect drift, but the effect of the
∆TCR is reduced by a factor
of 40 by the internal resistor divider. A high quality poten-
tiometer with good mechanical stability, such as a cermet,
should be used. The circuit in Figure 3 has a range of
approximately +250mV to –100mV. The circuit in Figure 4
has less range but provides higher resolution. The mismatch
in TCR between R
S and the internal resistors can introduce
some slight drift. This effect is minimized if R
S is kept
significantly larger than the 156k
Ω internal resistor. A TCR
of 100ppm/
°C is normally sufficient.
FIGURE 3. REF10 Optional Output Voltage Adjust.
FIGURE 4. REF10 Optional Output Voltage Fine Adjust.
APPLICATION INFORMATION
High accuracy, extremely-low drift, and small size make the
REF10 ideal for demanding instrumentation and system
voltage reference applications. Since no heater is required,
low power supply current designs are readily achievable.
Also the REF10 has lower output noise and much faster
warm-up times than heated references, permitting high pre-
cision without extra power or additional supplies. It should
be considered that operating any integrated circuit at an
elevated temperature will reduce its MTTF.
A variety of application circuits are shown in Figures 5
through 11.
V
OUT
REF10
+V
CC
V
TRIM
Minimum range (+2.5%, –1.0%) and minimal degradation of drift.
2
6
5
4
20k
Ω
Output
Voltage
Adjust
+10V
1µF
Tantalum
+
REF10
2
4
R
1k
Ω
6
2
+V
CC
f
CO =
= 1.6Hz
1
2
π RC
OPA27
C
100µF
V
OUT = +10V
FIGURE 5. Precision Reference with Filtering.
FIGURE 6.
±10V Reference.
REF10
2
4
+10V Out
–10V Out
2
1
6
5
3
INA105
+15V
6
FIGURE 7. Positive Precision Current Source.
V
OUT
REF10
V
TRIM
Higher resolution, reduced range.
2
6
5
4
20k
Ω
Output
Voltage
Adjust
+10V
R
S
(1)
1µF
Tantalum
+
+V
CC
See Information in
Typical Performance
Curves
The TCR of R
S can
affect V
OUT drift if RS
is made small.
NOTE: (1) R
S typically 4MΩ.
REF10
2
4
OPA111
R
I
OUT
6
2
+V
CC
I
OUT =
, R
≥ 1kΩ
10V
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com