Electronic Components Datasheet Search
  English  ▼

X  

AP2218 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2218
Description  1A LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2218 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2218 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Aug. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
1A LOW DROPOUT LINEAR REGULATOR
AP2218
Figure 1. Package Type of AP2218
TO-220F-4
General Description
The AP2218 is a low dropout linear regulator with a
typical dropout of 300mV at 1A output current.
The AP2218 provides current limit and thermal shut-
down. On-chip thermal shutdown provides protection
against any combination of high current and ambient
temperature that would create excessive junction tem-
peratures.
The AP2218 has 3.3V and 5.0V versions.
The AP2218 is available in the industry standard TO-
220F-4 package.
Features
·
Minimum Guaranteed Output Current: 1A
·
Dropout Voltage at IOUT=1A: 300mV
·
Output Accuracy: ± 1%
·
Low Ground Current
·
Internal Current Limit and Thermal Protection
·
Reversed-battery and Reversed-lead Insertion
Protection
·
Fast Transient Response
Applications
·
Power Module
·
Set Top Box
·
LCD TV
·
PDP TV
·
Cordless Phone


Similar Part No. - AP2218

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210K-2.5TR BCDSEMI-AP2210K-2.5TR Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.5TRE1 BCDSEMI-AP2210K-2.5TRE1 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210K-2.5TRE1 DIODES-AP2210K-2.5TRE1 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results

Similar Description - AP2218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
1A LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com