Electronic Components Datasheet Search
  English  ▼

X  

AP2317 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2317 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
1
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AP2317
SOT-89-3
SOT-223
General Description
The AP2317 is a series of low dropout three-terminal
regulators with a dropout of 1.1V at 600mA output cur-
rent.
This product has been optimized for low voltage where
transient response and minimum input voltage are criti-
cal. The AP2317 provides current limit and thermal
shutdown. Its circuit includes a trimmed bandgap refer-
ence to assure output voltage accuracy to be within
±1%. On-chip thermal shutdown provides protection
against any combination of overload and ambient tem-
peratures that would create excessive junction tem-
peratures.
The AP2317 is available in 2.5V and 3.3V versions.
The fixed versions integrate the adjust resistors. It is
also available in an adjustable version which can set
the output voltage with two external resistors.
The AP2317 series regulators are available in the
industry standard SOT-89-3, SOT-223 and TO-263-3
(for 3.3V only) power packages.
Features
·
Low Dropout Voltage: 1.1V at 600mA Output
Current
·
Output Noise from 10Hz to 10KHz: 0.003%
·
PSRR at IOUT=300mA and f=120Hz: 75dB
·
Output Voltage Accuracy:
± 1%
·
On-chip Thermal Shutdown
·
Maximum Quiescent Current: IQMAX=5mA
·
ESD (Human Body Model): 3.5KV
·
Operation Junction Temperature: -40 to 125oC
Applications
·
DVD/CD-ROM
·
USB Device
·
Add-on Card
·
DVD Player
·
PC Motherboard
TO-263-3


Similar Part No. - AP2317

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
Simple Drive Requirement, Small Package Outline
AP2317GN-HF A-POWER-AP2317GN-HF_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP2317GN-HF A-POWER-AP2317GN-HF_16 Datasheet
99Kb / 5P
Simple Drive Requirement
logo
BCD Semiconductor Manuf...
AP2317H-2.5TR BCDSEMI-AP2317H-2.5TR Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com