Electronic Components Datasheet Search
  English  ▼

X  

INA350ABS Datasheet(PDF) 23 Page - Texas Instruments

Part # INA350ABS
Description  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA350ABS Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA350ABS Datasheet HTML 19Page - Texas Instruments INA350ABS Datasheet HTML 20Page - Texas Instruments INA350ABS Datasheet HTML 21Page - Texas Instruments INA350ABS Datasheet HTML 22Page - Texas Instruments INA350ABS Datasheet HTML 23Page - Texas Instruments INA350ABS Datasheet HTML 24Page - Texas Instruments INA350ABS Datasheet HTML 25Page - Texas Instruments INA350ABS Datasheet HTML 26Page - Texas Instruments INA350ABS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
You can use this chart to calculate approximate probability of a specification in a unit; for example, the INA350
typical input voltage offset is 200 µV, so 68.2% of all INA350 devices are expected to have an offset from –200
µV to +200 µV. At 4 σ (±800 µV), 99.9937% of the distribution has an offset voltage less than ±800 µV, which
means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the INA350 family has a maximum offset voltage of 1.2
mV at 25°C, and even though this corresponds to 6 σ (≈1 in 500 million units), which is extremely unlikely, TI
assures that any unit with larger offset than 1.2 mV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guard band for your application, and design worst-case conditions using this value. As stated earlier,
the 6-σ value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be
an option as a wide guard band to design a system around. In this case, the INA350 family does not have a
maximum or minimum for offset voltage drift, but based on Figure 7-2 and the typical value of 0.6 µV/°C in the
Electrical Characteristics table, it can be calculated from that the 6-σ value for offset voltage drift is about 2
µV/°C. When designing for worst-case system conditions, this value can be used to estimate the worst possible
offset drift without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
8.3.5 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and its relevance to an electrical overstress event
is helpful. Figure 8-5 shows the ESD circuits contained in the INA350 devices. The ESD protection circuitry
involves several current-steering diodes connected from the input and output pins and routed back to the internal
power supply lines, where they meet at an absorption device internal to the operational amplifier. This protection
circuitry is intended to remain inactive during normal circuit operation.
+
–
V+
V–
+IN
– IN
OUT
Power Supply
ESD Cell
REF
GS
SHDN
_____
Figure 8-5. Equivalent Internal ESD Circuitry
www.ti.com
INA350
SBOSAA0A – NOVEMBER 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com