Electronic Components Datasheet Search
  English  ▼

X  

LM321LVIDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM321LVIDBVR
Description  LM321LV, LM358LV, LM324LV Industry Standard, Low Voltage Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM321LVIDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM321LVIDBVR Datasheet HTML 9Page - Texas Instruments LM321LVIDBVR Datasheet HTML 10Page - Texas Instruments LM321LVIDBVR Datasheet HTML 11Page - Texas Instruments LM321LVIDBVR Datasheet HTML 12Page - Texas Instruments LM321LVIDBVR Datasheet HTML 13Page - Texas Instruments LM321LVIDBVR Datasheet HTML 14Page - Texas Instruments LM321LVIDBVR Datasheet HTML 15Page - Texas Instruments LM321LVIDBVR Datasheet HTML 16Page - Texas Instruments LM321LVIDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Time (10 Ps/div)
D030
VOUT
VIN
G = 1
VIN = 4 VPP
CL = 10 pF
Figure 6-24. Large-Signal Step Response
Time (1 s/div)
μ
D031
G = 1
CL = 100 pF
2-V step
Figure 6-25. Large-Signal Settling Time (Negative)
Time (1 Ps/div)
D032
G = 1
CL = 100 pF
2-V step
Figure 6-26. Large-Signal Settling Time (Positive)
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-80
-60
-40
-20
0
20
40
60
80
D033
Sinking
Sourcing
Figure 6-27. Short-Circuit Current vs Temperature
Frequency (Hz)
0
20
40
60
80
100
120
140
10M
100M
1G
10G
D035
Figure 6-28. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input (EMIRR+) vs Frequency
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
1k
10k
100k
1M
10M
D036
Figure 6-29. Channel Separation
www.ti.com
LM321LV, LM324LV, LM358LV
SBOS944E – SEPTEMBER 2018 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM321LV LM324LV LM358LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com