Electronic Components Datasheet Search
  English  ▼

X  

AP4302 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302
Description  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4302 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
Data Sheet
7
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Operating Conditions: VCC = +5V, TA= 25
oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Op Amp Section (per Op Amp)
(VCC = 5V, VO = 1.4V, TA = 25
oC, unless otherwise noted)
Input Offset Voltage
TA = 25
oC
0.5
3
mV
TA = -40 to 85
oC
5
Input Offset Voltage Temperature
Drift
TA = -40 to 85
oC
7
µV/o C
Input Offset Current
TA = 25
oC
230
nA
Input Bias Current
TA = 25
oC
20
150
nA
Input Voltage Range
VCC = 0 to 18V
0
VCC -
1.5
V
Common Mode Rejection Ratio
TA = 25
oC, V
CM = 0 to 3.5V
70
85
dB
Large Signal Voltage Gain
VCC = 15V, RL = 2kΩ, VO = 1.4 to 11.4V
85
100
dB
Power Supply Rejection Ratio
VCC = 5 to 18V
70
90
dB
Output Current
Source
VCC = 15V, VID = 1V, VO = 2V
20
40
mA
Sink
VCC = 15V, VID = -1V, VO = 2V
10
20
mA
Output Voltage Swing (High)
VCC = 18, RL = 10kΩ, VID = 1V
16
16.5
V
Output Voltage Swing (Low)
VCC = 18, RL = 10kΩ, VID = -1V
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ, AV = 1,
VIN = 0.5 to 2V, CL = 100pF
0.3
0.5
V/
µ s
Gain Bandwidth Product
VCC = 18V, RL = 2kΩ, CL = 100pF,
VIN = 10mV, f=100kHz
0.7
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com